Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3015 Datasheet (PDF) - AXElite technology co. ltd

AX3015 Datasheet PDF - AXElite technology co. ltd
Part # AX3015
Download  AX3015 Download
File Size   749.74 Kbytes
Page   12 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 2A PWM Buck DC/DC Converter

AX3015 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3015 Datasheet PDF - AXElite technology co. ltd

Part # AX3015
Download  AX3015 Click to download

File Size   749.74 Kbytes
Page   12 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 2A PWM Buck DC/DC Converter

AX3015 Datasheet (HTML) - AXElite technology co. ltd


AX3015 Product details

 GENERAL DESCRIPTION
The AX3015 series are monolithic IC designed for a step down DC/DC converter, and own the ability of driving a 2A load without additional transistor. It saves board space. The external shutdown function c an be controlled by logic level and then come into standby mode. The internal compensation makes feedback control having good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temper ature op erating from damage; current limit is against over current operating of the output switch that set by outside resistance. Current limit depends on RSENSE value The over voltage protection (OVP) that can avoid high VOUT voltage to damage circuit and capacitor, the OVP voltage is set by outside resistances When SCP happened and VEN/CT>0.5V, the driver can be auto restart that can prevent driver damage. The auto restart time set by outside capacitor. The chip is available in SOP-8L-EP package which features small size as exposed pad to reduce the junction-to-case resistance.

 FEATURES
- Operating voltage can be up to 40V.
- Adjustab le version output voltage range form 1.2V to 30V.
- Output load current: 2A.
- E xternal OVP setting function.
- Operating Frequency: 130KHz
- Voltage mode non synchronous PWM converter
- Thermal shutdown and current limit protection.
- Shutdown function and auto restart control.
- Short Circuit Protect (SCP).
- External current limit setting.
- Under voltage Lockout.
- SOP-EP Pb-Free package.
- Built in switc hing transistor on chip.
- RoHS and Halogen free compliance.




Similar Part No. - AX3015

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AX3000 TP-LINK-AX3000 Datasheet
1Mb / 7P
Dual Band Gigabit Wi-Fi 6 Router
logo
AXElite technology co. ...
AX3001 AXELITE-AX3001 Datasheet
647Kb / 12P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.2 Oct.03, 2019
AX3001-12S AXELITE-AX3001-12S Datasheet
647Kb / 12P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.2 Oct.03, 2019
AX3001-12SA AXELITE-AX3001-12SA Datasheet
647Kb / 12P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.2 Oct.03, 2019
AX3001-33S AXELITE-AX3001-33S Datasheet
647Kb / 12P
150KHz, 2A PWM Buck DC/DC Converter
Rev.2.2 Oct.03, 2019
More results


Similar Description - AX3015

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
300KHz, 2A PWM Buck DC/DC Converter
Rev.1.0 Oct 5, 2004
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Unisonic Technologies
P3576 UTC-P3576 Datasheet
209Kb / 6P
50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com