Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3023BA Datasheet (PDF) - AXElite technology co. ltd

AX3023BA Datasheet PDF - AXElite technology co. ltd
Part # AX3023BA
Download  AX3023BA Download
File Size   459.56 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 200KHz, 1A PWM Buck DC/DC Converter

AX3023BA Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3023BA Datasheet PDF - AXElite technology co. ltd

Part # AX3023BA
Download  AX3023BA Click to download

File Size   459.56 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 200KHz, 1A PWM Buck DC/DC Converter

AX3023BA Datasheet (HTML) - AXElite technology co. ltd


AX3023BA Product details

 GENERAL DESCRIPTION
The AX3023 series are monolithic IC designed for a step down DC/DC converter, and own the ability of driving a 1 A load without additional transistor. It saves board space. The external shutdown funct ion can be controlled by logic level and then come into standby mode. The internal compensation makes feedback control having good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temperatu re operating from damage, and current limit is against over current operating of the output switch. If the AX3023's VFB is down below 0.5V, the switching frequency will be reduced. The AX3023 operates at a switching frequency of 200KHz thus allow smaller s ized filter components Other features include a guaranteed +3% tolerance on output voltage under specified input voltage and output load conditions, The chips are available in SOT-23-5L and SOP-8L packages.

 FEATURES
- Output voltage: adjustable output version.
- Adjustable version output voltage range 0.745V to 22V±3%.
- Fixed switching frequency is 200KHz.
- Thermal shutdown and current limit protection.
- ON/OFF shutdown control input.
- Short Circuit Protect (SCP).
- Operating voltage can be up to 24V.
- Output load current: 1A.
- SOT-23-5L and SOP-8L packages.
- Low power standby mode.
- Built in switching transistor on chip.




Similar Part No. - AX3023BA

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3022 AXELITE-AX3022 Datasheet
347Kb / 10P
200KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.4 Oct.11, 2011
AX3022F5 AXELITE-AX3022F5 Datasheet
347Kb / 10P
200KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.4 Oct.11, 2011
AX3022F5A AXELITE-AX3022F5A Datasheet
347Kb / 10P
200KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.4 Oct.11, 2011
More results


Similar Description - AX3023BA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2006 ANACHIP-AP2006 Datasheet
182Kb / 7P
200KHz, PWM Buck DC/DC & Linear Controller
Rev.1.1 Nov 17, 2004
logo
Enpirion, Inc.
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
1A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Anachip Corp
AP1502 ANACHIP-AP1502 Datasheet
119Kb / 5P
200KHZ, 2A PWM BUCK DC/DC CONVERTER & 1 LINEAR CTRL
logo
Unisonic Technologies
P1595 UTC-P1595 Datasheet
180Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1595 UTC-P1595_11 Datasheet
258Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Advanced Power Electron...
APE1720 A-POWER-APE1720 Datasheet
453Kb / 8P
200KHz, 1.5A PWM Buck DC/DC Converter
APE1723 A-POWER-APE1723 Datasheet
349Kb / 10P
200KHz, 1A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P1595 UTC-P1595_15 Datasheet
268Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com