Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3112A Datasheet (PDF) - AXElite technology co. ltd

AX3112A Datasheet PDF - AXElite technology co. ltd
Part # AX3112A
Download  AX3112A Download
File Size   766.32 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description PWM Control 3A Step Down Converter

AX3112A Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3112A Datasheet PDF - AXElite technology co. ltd

Part # AX3112A
Download  AX3112A Click to download

File Size   766.32 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description PWM Control 3A Step Down Converter

AX3112A Datasheet (HTML) - AXElite technology co. ltd


AX3112A Product details

 GENERAL DESCRIPTION
AX3112/A consists of step down switching regulator with PW M control. The device include s a reference voltage source, oscillation circuit, error amplifier, internal PMOS and etc.
AX3112/A provides low-ripple power, high efficiency, and excellent transient characteristics. The PWM control circuit is able to the duty ratio linearly forms 0 up to 100%. With the addition of an internal P-channel Power MOS, a coil, capacitor s, and a diode connected externally, these ICs can function as step down switching regulators. They serve as ideal power supply units for portable devices when coupled with the SOP-8L-EP package, providing such outstanding features as low current consumption. Since this converter can accommodate an input voltage up to 40V, it is also suitable for the operation via an AC adapter.

 FEATURES
- Input voltage 8V to 40V
- Adjustable version output voltage range from 3.3V to 38V
- Duty ratio 0% to 100% PWM control
- Oscillation frequency 100K/350 KHz
- Enable and auto restart function
- Thermal Shutdown function / Internal OVP.
- Short Circuit Protect (SCP).
- Built-in internal SW P-channel MOS.
- SOP-8L-EP Pb-Free package.




Similar Part No. - AX3112A

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3112A AXELITE-AX3112A Datasheet
832Kb / 12P
PWM Control 3A Step Down Converter
Rev.1.6 Oct.09, 2019
AX3112AES AXELITE-AX3112AES Datasheet
832Kb / 12P
PWM Control 3A Step Down Converter
Rev.1.6 Oct.09, 2019
AX3112AESA AXELITE-AX3112AESA Datasheet
832Kb / 12P
PWM Control 3A Step Down Converter
Rev.1.6 Oct.09, 2019
AX3112A AXELITE-AX3112A_V01 Datasheet
832Kb / 12P
PWM Control 3A Step Down Converter
Rev.1.6 Oct.09, 2019
More results


Similar Description - AX3112A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com