Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5302 Datasheet (PDF) - AXElite technology co. ltd

AX5302 Datasheet PDF - AXElite technology co. ltd
Part # AX5302
Download  AX5302 Download
File Size   551.24 Kbytes
Page   9 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description PWM Step-up Controller

AX5302 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX5302 Datasheet PDF - AXElite technology co. ltd

Part # AX5302
Download  AX5302 Click to download

File Size   551.24 Kbytes
Page   9 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description PWM Step-up Controller

AX5302 Datasheet (HTML) - AXElite technology co. ltd


AX5302 Product details

 GENERAL DESCRIPTION
The AX5302 is high efficient PWM step up controll er. Designed to drive an external N-channel MOSFET Output voltage is programmable with 1.0V of standard voltage supply internal, and using externally connected com ponents, output voltage (FB) can be set up at will.
The AX5302 can be operated at switching frequencies of 500kHz allowing for easy filtering and low noise , the size of the external components can be reduced. An enable function and thermal shutdown functions are built inside. The soft start time can be programmed by outside capacitor; the function prevents overshoot at startup.

 FEATURES
- Input voltage: 3.0V to 24V
- Output voltage: Define by N-channel MOS
- Duty ratio: 0% to 85% PWM control
- Oscillation frequency: 5 00KHz (±20%)
- Soft-start time is programmed by outside capacitor
- Current Limit is setting by outside resistance
- Thermal shutdown protection
- Enable/shutdown function
- External SW N-channel MOS.
- SOP-8L Pb-Free Package.
- RoHS and Halogen free compliance.




Similar Part No. - AX5302

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AX50 TP-LINK-AX50 Datasheet
1Mb / 7P
Dual Band Gigabit Wi-Fi 6 Router
logo
Microsemi Corporation
AX500 MICROSEMI-AX500 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
AX500 MICROSEMI-AX500 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
logo
Actel Corporation
AX500-1BG896 ACTEL-AX500-1BG896 Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX500-1BG896B ACTEL-AX500-1BG896B Datasheet
2Mb / 226P
Axcelerator Family FPGAs
More results


Similar Description - AX5302

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
ON Semiconductor
NCP1450A ONSEMI-NCP1450A Datasheet
202Kb / 24P
PWM Step-up DC-DC Controller
April, 2003 - Rev. 5
logo
Advanced Analog Technol...
AAT1109 AAT-AAT1109 Datasheet
592Kb / 18P
ONE-CHANNEL STEP-UP PWM CONTROLLER
V 1.0
logo
Unisonic Technologies
L3380 UTC-L3380 Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_12 Datasheet
278Kb / 9P
PWM STEP UP DC-DC CONTROLLER
logo
Eutech Microelectronics...
EUP2573 EUTECH-EUP2573 Datasheet
98Kb / 2P
1.2MHz Step-Up PWM Controller
logo
Unisonic Technologies
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
PWM STEP UP DC-DC CONTROLLER
logo
SHOUDING Shouding Semic...
SD6273 SHOUDING-SD6273 Datasheet
1Mb / 9P
1.2MHz Step-Up PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com