Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAA110AD Datasheet (PDF) - Automatic Timing & Controls, Inc.

KAA110AD Datasheet PDF - Automatic Timing & Controls, Inc.
Part # KAA110AD
Download  KAA110AD Download
File Size   311.95 Kbytes
Page   1 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description Medium Power Plug-In Relays

KAA110AD Datasheet (PDF)

Go To PDF Page Download Datasheet
KAA110AD Datasheet PDF - Automatic Timing & Controls, Inc.

Part # KAA110AD
Download  KAA110AD Click to download

File Size   311.95 Kbytes
Page   1 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description Medium Power Plug-In Relays

KAA110AD Datasheet (HTML) - Automatic Timing & Controls, Inc.


KAA110AD Product details

• Low Cost
• Rugged Design
• 10 Amp Output
• High Reliability
• 8 pin or 11 pin Track Mountable Plug-in Base
• DPDT & 3PDT Arrangements
• 12, 24, 120, & 240 volts operation




Similar Part No. - KAA110AD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KAA1H SCHNEIDER-KAA1H Datasheet
138Kb / 2P
operating head for cam switch - 횠 29 mm - black handle
Feb 10, 2022
KAA1S SCHNEIDER-KAA1S Datasheet
124Kb / 2P
operating head for cam switch - black plastic bezel 횠 29 mm - key - hole 횠 22 mm
Feb 10, 2022
More results


Similar Description - KAA110AD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VF28 MACOM-VF28 Datasheet
186Kb / 5P
Plug-In Relays Mini 280 Relays
logo
Allen-Bradley
700-HR ALLEN-BRADLEY-700-HR Datasheet
1Mb / 14P
Plug-in Timing Relays
logo
ZETTLER Electronics
R2101223 ZETTLER-R2101223 Datasheet
212Kb / 4P
Miniature plug-in power relays
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
Miniature plug-in power relays
R15101223 ZETTLER-R15101223 Datasheet
505Kb / 5P
Plug-in power relays
RUC101225 ZETTLER-RUC101225 Datasheet
533Kb / 4P
Plug-in power relays
RY2101226 ZETTLER-RY2101226 Datasheet
435Kb / 4P
Plug-in power relays
logo
OEN India Limited
72A-24-130-500 OENINDIA-72A-24-130-500 Datasheet
125Kb / 1P
MEDIUM POWER INDUSTRIAL RELAYS
logo
Tyco Electronics
13801 MACOM-13801 Datasheet
428Kb / 6P
Plug-in relays Mini ISO relays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com