Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPB2R5T Datasheet (PDF) - Automatic Timing & Controls, Inc.

MPB2R5T Datasheet PDF - Automatic Timing & Controls, Inc.
Part # MPB2R5T
Download  MPB2R5T Download
File Size   1144.35 Kbytes
Page   2 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description MOTOR PROTECTION CIRCUIT BREAKERS

MPB2R5T Datasheet (PDF)

Go To PDF Page Download Datasheet
MPB2R5T Datasheet PDF - Automatic Timing & Controls, Inc.

Part # MPB2R5T
Download  MPB2R5T Click to download

File Size   1144.35 Kbytes
Page   2 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description MOTOR PROTECTION CIRCUIT BREAKERS

MPB2R5T Datasheet (HTML) - Automatic Timing & Controls, Inc.


MPB2R5T Product details

UNIQUE PRODUCT LINE FEATURES
Multi-Function Device
• Our MPCBs are certified as Manual Motor Controllers Suitable as Motor Disconnects, can be used in Group Motor Installations, and can be used to manually control individual motors and protect them against overload and short circuit currents.
High Fault SCCR
• High fault short circuit current rating of 50kA @ 480V provides safety and reliability in high fault applications.
Seamless Compatibility
• The modular design of our MPCBs allow for direct mounting onto CON Series (9A to 40A) AC/DC Contactors.
Adjustable Current Setting
• Full load current adjustment ratio enables overload relay to be set to exact FLA of motor. Provides phase protection for the motor against overload currents.
Snap-On Accessories
• Snap-on accessories are easily installed without the use of tools, lowering assembly and installation costs.




Similar Part No. - MPB2R5T

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
MPB2 HAMMOND-MPB2 Datasheet
185Kb / 3P
Petits bo챤tiers pour boutons-poussoirs en acier doux de type 12
MPB2 HAMMOND-MPB2 Datasheet
141Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
MicroPower Direct, LLC
MPB20S03 MPD-MPB20S03 Datasheet
372Kb / 2P
MPB-20S Series
MPB20S05 MPD-MPB20S05 Datasheet
372Kb / 2P
MPB-20S Series
MPB20S09 MPD-MPB20S09 Datasheet
372Kb / 2P
MPB-20S Series
More results


Similar Description - MPB2R5T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
Magnetic Hydraulic Circuit Breakers
logo
Cooper Bussmann, Inc.
UCB-20 COOPER-UCB-20 Datasheet
269Kb / 5P
Automotive Circuit Breakers
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
CIRCUIT BREAKERS FOR EQUIPMENT
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
Circuit Breakers
R59 NTE-R59 Datasheet
494Kb / 1P
Circuit Breakers
logo
GREEGOO Electric Co.,Lt...
E3VU13 GREEGOO-E3VU13 Datasheet
1Mb / 10P
Motor protection circuit breaker
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
Thermomagnetic circuit breakers
2010-08-18
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
Circuit Breakers, Molded Case Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com