Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVL40B1 Datasheet (PDF) - Automatic Timing & Controls, Inc.

OVL40B1 Datasheet PDF - Automatic Timing & Controls, Inc.
Part # OVL40B1
Download  OVL40B1 Download
File Size   1736.56 Kbytes
Page   2 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description BIMETALLIC OVERLOAD RELAYS

OVL40B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
OVL40B1 Datasheet PDF - Automatic Timing & Controls, Inc.

Part # OVL40B1
Download  OVL40B1 Click to download

File Size   1736.56 Kbytes
Page   2 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description BIMETALLIC OVERLOAD RELAYS

OVL40B1 Datasheet (HTML) - Automatic Timing & Controls, Inc.


OVL40B1 Product details

MULTIPLE FUNCTION ADVANTAGES
High Fault SCCR
• High fault short circuit current rating of 100kA @ 480V and 600V with Class J fuses, provides safety and reliability in high fault applications.
Adjustable Current Setting
• Full load current adjustment ratio of approximately 1:1.5 enables overload relay to be set to exact FLA of motor.
Phase Loss Sensitivity
• Single phase sensitivity to protect motors against damaging phase loss conditions.
Selectable Reset Mode
• Manual or automatic reset and test modes, and stop button all in a single device for convenient control circuit wiring.
Seamless Compatibility
• Overload Relays direct mount onto all CON Series Contactors.
Trip Test Function
• Trip test function standard on all overload relays allows for easier installation, testing, and troubleshooting.




Similar Part No. - OVL40B1

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLAB6CB8 OPTEK-OVLAB6CB8 Datasheet
968Kb / 4P
Round Blue LED Lamp (3mm)
logo
TT Electronics.
OVLAB6CB8 TTELEC-OVLAB6CB8 Datasheet
969Kb / 4P
Round Blue LED Lamp (3mm)
logo
OPTEK Technologies
OVLAG6CB8 OPTEK-OVLAG6CB8 Datasheet
982Kb / 4P
Round Green LED Lamp (3mm)
logo
TT Electronics.
OVLAG6CB8 TTELEC-OVLAG6CB8 Datasheet
984Kb / 4P
Round Green LED Lamp (3mm)
logo
OPTEK Technologies
OVLAS6CB8 OPTEK-OVLAS6CB8 Datasheet
986Kb / 4P
Round Red LED Lamp (3mm)
More results


Similar Description - OVL40B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1K0910BD ETC2-LP1K0910BD Datasheet
301Kb / 10P
Contactorsand Thermal Overload Relays from 6to 2750 A
LC1D18M7 ETC2-LC1D18M7 Datasheet
301Kb / 10P
Contactorsand Thermal Overload Relays from 6to 2750 A
logo
Littelfuse
MP8000 LITTELFUSE-MP8000 Datasheet
657Kb / 2P
The MP8000 are advanced motor protection electronic overload relays
logo
Schneider Electric
9065SEO5B1 SCHNEIDER-9065SEO5B1 Datasheet
55Kb / 1P
BIMETALLIC OVERLOAD RELAY 600V 26A
Dec 22, 2020
LR2D3563 SCHNEIDER-LR2D3563_V01 Datasheet
179Kb / 3P
TeSys Deca thermal overload relays , 63...80A - class 20
May 25, 2022
LR3D3555 SCHNEIDER-LR3D3555_V01 Datasheet
175Kb / 3P
TeSys Deca thermal overload relays, 30...40A, class 20
May 25, 2022
LR2D3522 SCHNEIDER-LR2D3522_V01 Datasheet
179Kb / 3P
TeSys Deca thermal overload relays , 17...25A , class 20
May 30, 2022
LR3D3353 SCHNEIDER-LR3D3353_V01 Datasheet
177Kb / 3P
TeSys Deca thermal overload relays , 23...32A - class 10A
May 30, 2022
LR3D3355 SCHNEIDER-LR3D3355_V01 Datasheet
177Kb / 3P
TeSys Deca thermal overload relays , 30...40A , class 10A
May 30, 2022
LRD3365 SCHNEIDER-LRD3365_V01 Datasheet
171Kb / 3P
TeSys Deca thermal overload relays , 80...104A , class 10A
May 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com