Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2A-SA Datasheet (PDF) - AG Electronica

2A-SA Datasheet PDF - AG Electronica
Part # 2A-SA
Download  2A-SA Download
File Size   437.51 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description PINZA DE PRECISION PUNTA PLANA 4.75”

2A-SA Datasheet (PDF)

Go To PDF Page Download Datasheet
2A-SA Datasheet PDF - AG Electronica

Part # 2A-SA
Download  2A-SA Click to download

File Size   437.51 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description PINZA DE PRECISION PUNTA PLANA 4.75”

2A-SA Datasheet (HTML) - AG Electronica


2A-SA Product details

Descripción:
Pinza de precisión plana y redondeada de 4.75” de largo, con punta y cuerpo de acero inoxidable.




Similar Part No. - 2A-SA

ManufacturerPart #DatasheetDescription
logo
Tronex Technology, Inc
2A-SA-DR TRONEX-2A-SA-DR Datasheet
557Kb / 1P
PRECISION STAINLESS STEEL TWEEZER, ESD RUBBER GRIP, STRAIGHT FINE FLAT ROUNDED TIP, STYLE 2A
July 2024
More results


Similar Description - 2A-SA

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CP100 CDIL-CP100 Datasheet
52Kb / 3P
PNP SILICON PLANA TRANSISTOR
logo
Tyco Electronics
60529-2 MACOM-60529-2 Datasheet
52Kb / 1P
RECEPTACLE, FASTON, 4.75[.187] SERIES
61029-1 MACOM-61029-1 Datasheet
48Kb / 1P
RECEPTACLE, FASTON, 4.75 [.187] SERIES
1217156-1 MACOM-1217156-1 Datasheet
47Kb / 1P
TAB, FASTON, 4.75 [,187] SERIES
logo
List of Unclassifed Man...
CW8700 ETC2-CW8700 Datasheet
106Kb / 5P
FICHE DE DONN횋ES DE S횋CURIT횋
logo
Hammond Manufacturing L...
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
ENSEMBLES DE FRILLES DE VENTILATION
DSTOPK HAMMOND-DSTOPK Datasheet
44Kb / 1P
TROUSSE DE BUTEES DE PORTE
FRCMCD HAMMOND-FRCMCD Datasheet
70Kb / 1P
Separateur de chemins de cables
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
Gestionnaire de cables de toit
logo
Tripp Lite. All Rights ...
VR1208R TRIPPLITE-VR1208R Datasheet
153Kb / 2P
Regulador de Voltaje de 1200VA - Regulaci처n autom찼tica de voltaje con supresi처n de sobretensiones
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com