Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3050A Datasheet (PDF) - AXElite technology co. ltd

AX3050A Datasheet PDF - AXElite technology co. ltd
Part # AX3050A
Download  AX3050A Download
File Size   1017.6 Kbytes
Page   16 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 2.3A, Wide Input Sensorless CC/CV Step Down DC/DC Converter

AX3050A Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3050A Datasheet PDF - AXElite technology co. ltd

Part # AX3050A
Download  AX3050A Click to download

File Size   1017.6 Kbytes
Page   16 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 2.3A, Wide Input Sensorless CC/CV Step Down DC/DC Converter

AX3050A Datasheet (HTML) - AXElite technology co. ltd


AX3050A Product details

 GENERAL DESCRIPTION
AX3050/A is a wide input voltage, high efficiency Active CC step down DC/DC converter that operates in either CV (Constant Output Voltage) mode or CC (Constant Output Current) mode.
AX3050/A consists of step down switching regulator with PWM control. The device includes a reference voltage source, oscillation circuit, error amplifier and etc.
AX3050/A provides low ripple power, high efficiency, and excellent transient characteri stics. The PWM control circuit is able to the duty ratio linearly forms 0 up to 90%. An over current protection function is built outside that it can set by a resistance. An external compensation is easily to system stable; the low ESR output capacitor can be used.
With the addition of an internal N-channel Power MOS, a coil, capacitors, and a diode connected externally, these ICs can function as step down switching regulators. They serve as ideal power supply units for portable devices when coupled with the SOP-8L-EP packages, providing such outstanding features as low current consumption. Since this converter can accommodate an input voltage up to 34.

 APPLICATIONS
- Carcharger
- Portable charger Device.

 FEATURES
- Input Voltage:8V to 34V
- Vout Accuracy (VFB=1V) ±2%
- CC/CV mode(Constant Current and Constant Voltage)
- Up to 2.3A output current
- ±5%/±15% Current limit Accuracy
- Duty ratio:0% to 90% PWM control
- Oscillation frequency:
AX3050: 100KHz
AX3050A: 250KHz
- Thermal Shutdown function.
- Short Circuit Protect (SCP).
- Built-in internal LX N-channel MOS.
- Current mode non-synchronous PWM converter
- External current limit setting.
- Over Voltage Protection 5.8V.
- Built in adjustable line-compensation.
- SOP-8L-EP Pb-Free packages
- RoHS and Halogen free compliance.




Similar Part No. - AX3050A

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3051 AXELITE-AX3051 Datasheet
1Mb / 17P
2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev.2.0 Oct. 08, 2019
AX3051/A AXELITE-AX3051/A Datasheet
1Mb / 17P
2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev.2.0 Oct. 08, 2019
AX3051A AXELITE-AX3051A Datasheet
1Mb / 17P
2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev.2.0 Oct. 08, 2019
AX3051AES AXELITE-AX3051AES Datasheet
1Mb / 17P
2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev.2.0 Oct. 08, 2019
AX3051AESA AXELITE-AX3051AESA Datasheet
1Mb / 17P
2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev.2.0 Oct. 08, 2019
More results


Similar Description - AX3050A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513_12 Datasheet
673Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_12 Datasheet
463Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4523A ACTIVE-SEMI-ACT4523A Datasheet
400Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com