Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX316150M5 Datasheet (PDF) - AXElite technology co. ltd

AX316150M5 Datasheet PDF - AXElite technology co. ltd
Part # AX316150M5
Download  AX316150M5 Download
File Size   822.73 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 52KHz, 2A PWM Buck DC/DC Converter

AX316150M5 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX316150M5 Datasheet PDF - AXElite technology co. ltd

Part # AX316150M5
Download  AX316150M5 Click to download

File Size   822.73 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 52KHz, 2A PWM Buck DC/DC Converter

AX316150M5 Datasheet (HTML) - AXElite technology co. ltd


AX316150M5 Product details

 GENERAL DESCRIPTION
The AX3161 series are monolithic IC designed for a step down DC/DC converter, and own the ability of driving a 2A load without additional transistor. It saves board space. The external shutdown functi on can be controlled by logic level and then come into standby mode. The internal compensation makes feedback control having good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temperature operating from damage, and current limit is against over current operating of the output switch. If current limit function occurs and VFB is down below 0.5V, the switching frequency will be reduced. An external compensation is easily to system stable; th e low ESR output capacitor can be used.
The AX3161 series operates at a switching frequency of 52KHz thus allow smaller sized filter components than what would be needed with lower frequency switching regulators. The output version included fixed 5V, 12V, and an adjustable type. The chips are available in standard TO263-5L packages.

 FEATURES
- Output voltage: 5V and adjustable output version.
- Adjustable version output voltage range, 1.23V to 57V
- 52KHz fixed switching frequency.
- Volt age mode non synchronous PWM control.
- Thermal shutdown and current limit protection.
- ON/OFF shutdown control input.
- Short Circuit Protect (SCP).
- Operating voltage can be up to 60V.
- Output load current: 2A.
- TO263-5L Pb-Free packages.
- Low power standby mode.
- Built-in switching transistor on chip.
- RoHS and Halogen free compliance.




Similar Part No. - AX316150M5

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3162 AXELITE-AX3162 Datasheet
1Mb / 10P
PWM Control 2A Step-Down Converter
Rev.1.7 Feb.26, 2015
AX3162 AXELITE-AX3162 Datasheet
779Kb / 10P
PWM Control 2A Step-Down Converter
Rev.2.0 Oct.16, 2019
AX3162/A AXELITE-AX3162/A Datasheet
779Kb / 10P
PWM Control 2A Step-Down Converter
Rev.2.0 Oct.16, 2019
AX3162A AXELITE-AX3162A Datasheet
779Kb / 10P
PWM Control 2A Step-Down Converter
Rev.2.0 Oct.16, 2019
AX3162AES AXELITE-AX3162AES Datasheet
1Mb / 10P
PWM Control 2A Step-Down Converter
Rev.1.7 Feb.26, 2015
More results


Similar Description - AX316150M5

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Unisonic Technologies
P3576 UTC-P3576 Datasheet
209Kb / 6P
50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
logo
TECHCODE SEMICONDUCTOR,...
TD2576 TECHCODE-TD2576 Datasheet
1Mb / 18P
3A 52KHz PWM Buck DC/DC Converter
TD2676 TECHCODE-TD2676 Datasheet
589Kb / 15P
2.5A 52KHz 32V PWM Buck DC/DC Converter
TD3111 TECHCODE-TD3111 Datasheet
363Kb / 13P
2.2A 52KHZ 32V PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC2576 FS-FAC2576 Datasheet
584Kb / 16P
3A 52KHZ PWM Buck DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com