Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3304 Datasheet (PDF) - AXElite technology co. ltd

AX3304 Datasheet PDF - AXElite technology co. ltd
Part # AX3304
Download  AX3304 Download
File Size   902.6 Kbytes
Page   13 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description PWM Control Controller

AX3304 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3304 Datasheet PDF - AXElite technology co. ltd

Part # AX3304
Download  AX3304 Click to download

File Size   902.6 Kbytes
Page   13 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description PWM Control Controller

AX3304 Datasheet (HTML) - AXElite technology co. ltd


AX3304 Product details

 GENERAL DESCRIPTION
The AX3304/A integrates Pulse Width Modulation (PWM) control circuit into a single chip, mainly designs for power-supply regulator. All the functions include an error amplifier, a soft-start, UVLO, OVP, SCP, TSD circuitry.
This device features an internal 100KHz oscillator (300KHz for "A" version), the UVLO makes sure that the outputs are off until the internal circuit operates normally.

 FEATURES
- Input voltage 8V to 40V
- Duty ratio 0% to 100% PWM control
- Oscillation frequency 100K/300KHz
- Thermal Shutdown function.
- Short Circuit Protect (SCP).
- External SW P-channel MOS.
- External OVP setting function.
- Current mode non synchronous PWM converter
- Externa l current limit setting.
- Under voltage Lockout.
- SOP-8L Pb-Free package.
- RoHS and Halogen free compliance.




Similar Part No. - AX3304

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3301 AXELITE-AX3301 Datasheet
819Kb / 15P
PWM Step-Down Con troller
Rev.1.6 Oct.16, 2019
AX3301S AXELITE-AX3301S Datasheet
819Kb / 15P
PWM Step-Down Con troller
Rev.1.6 Oct.16, 2019
AX3301SA AXELITE-AX3301SA Datasheet
819Kb / 15P
PWM Step-Down Con troller
Rev.1.6 Oct.16, 2019
AX3301U8 AXELITE-AX3301U8 Datasheet
819Kb / 15P
PWM Step-Down Con troller
Rev.1.6 Oct.16, 2019
AX3301U8A AXELITE-AX3301U8A Datasheet
819Kb / 15P
PWM Step-Down Con troller
Rev.1.6 Oct.16, 2019
More results


Similar Description - AX3304

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
Primary-side-control PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
Primary-Side-Control PWM Controller
logo
Taiwan Memory Technolog...
T8305 TMT-T8305 Datasheet
191Kb / 10P
PWM Control 18V Step-Down Controller
T8306 TMT-T8306 Datasheet
130Kb / 9P
PWM Control 36V Step-Down Controller
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Shenzhen Huazhimei Semi...
HM1308 HMSEMI-HM1308 Datasheet
584Kb / 6P
PWM control DC-DC boost controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com