Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS38700 Datasheet (PDF) - Texas Instruments

TPS38700 Datasheet PDF - Texas Instruments
Part # TPS38700
Download  TPS38700 Download
File Size   4294.33 Kbytes
Page   83 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS38700 Power-Supply Sequencer With I2C Support for Up to 12 Channels

TPS38700 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS38700 Datasheet PDF - Texas Instruments

Part # TPS38700
Download  TPS38700 Click to download

File Size   4294.33 Kbytes
Page   83 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS38700 Power-Supply Sequencer With I2C Support for Up to 12 Channels

TPS38700 Datasheet (HTML) - Texas Instruments


TPS38700 Product details

1 Features
• Input voltage range: 2.2V to 5.5V
• Undervoltage lockout (UVLO): 2.0V
• Low quiescent current: 35μA (typical)
• Window watchdog
• Independent RESET
• Independent NIRQ
• NVM error check
– 1-bit error correction
– 2-bit error detection
• CRC error check on register maps
• Battery backup
• Crystal oscillator option
• I2C programmable sequence
• RTC clock alarm function
• Designed to be used with multichannel supervisors
like TPS389006/TPS389008 and for full multichannel
monitoring & sequencing situations

2 Applications
• Medical robotics
• Industrial robotics

3 Description
The TPS38700 device is an integrated multichannel
voltage sequencer with a window watchdog and
I2C programmable in a 24-pin 4mm x 4mm VQFN
package.
This multichannel voltage sequencer is designed
for systems that require precise power up and/or
power down sequencing and can be interfaced with
multichannel voltage supervisors. The device defaults
to preprogrammed OTP options but the I2C can
reprogram the power up and power down sequence,
watchdog settings, and sequence timing options if
needed.
Flexible and programmable voltage rail sequencing
capabilities, low quiescent current, and small
footprint allow this device to meet most application
requirements. TPS38700 is designed to be
used along with monitoring parts like TPS389006/
TPS3890008.




Similar Part No. - TPS38700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS38700 TI-TPS38700 Datasheet
4Mb / 75P
TPS38700 Power-Supply Sequencer With I2C Support for Up to 12 Channels
REVISED NOVEMBER 2022
TPS38700 TI-TPS38700 Datasheet
4Mb / 77P
TPS38700-Q1 Power-Supply Sequencer With I2C Support for Up to 12 Channels
REVISED DECEMBER 2022
TPS38700 TI1-TPS38700 Datasheet
4Mb / 83P
TPS38700-Q1 Power-Supply Sequencer With I2C Support for Up to 12 Channels
MARCH 2025
TPS38700-Q1 TI-TPS38700-Q1 Datasheet
1Mb / 6P
TPS38700-Q1 Automotive Power-Supply Sequencer with I2C Support for up to 12 Channels
JULY 2021
TPS38700-Q1 TI-TPS38700-Q1 Datasheet
4Mb / 71P
TPS38700-Q1 Power-Supply Sequencer with I2C Support for up to 12 Channels
APRIL 2022
More results


Similar Description - TPS38700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124A TI1-UCD90124A Datasheet
1Mb / 51P
12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD9090 TI1-UCD9090 Datasheet
1Mb / 55P
10-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90120A TI1-UCD90120A_15 Datasheet
1Mb / 58P
12-Rail Power Supply Sequencer and Monitor With ACPI Support
logo
Renesas Technology Corp
X80200 RENESAS-X80200 Datasheet
681Kb / 16P
Power Supply Sequencer with Power-up System Monitoring
logo
Texas Instruments
TPS38700-Q1 TI-TPS38700-Q1 Datasheet
1Mb / 6P
TPS38700-Q1 Automotive Power-Supply Sequencer with I2C Support for up to 12 Channels
JULY 2021
TPS38700-Q1 TI-TPS38700-Q1_V01 Datasheet
4Mb / 71P
TPS38700-Q1 Power-Supply Sequencer with I2C Support for up to 12 Channels
APRIL 2022
TPS38700 TI-TPS38700 Datasheet
4Mb / 75P
TPS38700 Power-Supply Sequencer With I2C Support for Up to 12 Channels
REVISED NOVEMBER 2022
TPS38700-Q1 TI-TPS38700-Q1_V02 Datasheet
4Mb / 77P
TPS38700-Q1 Power-Supply Sequencer With I2C Support for Up to 12 Channels
REVISED DECEMBER 2022
TPS38700S-Q1 TI1-TPS38700S-Q1 Datasheet
3Mb / 54P
TPS38700S-Q1 Power-Supply Sequencer with I2C Support for Up to 6 Channels, 6 GPOs, and SYNC
JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com