Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXS0101DBVR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TXS0101DBVR Datasheet PDF - Texas Instruments
Part # TXS0101DBVR
Download  TXS0101DBVR Download
File Size   2098.71 Kbytes
Page   34 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TXS0101 1-Bit Bidirectional Level-Shifting, Voltage-Level Translator With Auto- Direction-Sensing for Open-Drain and Push-Pull Applications

TXS0101DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TXS0101DBVR Datasheet PDF - Texas Instruments

Part # TXS0101DBVR
Download  TXS0101DBVR Click to download

File Size   2098.71 Kbytes
Page   34 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TXS0101 1-Bit Bidirectional Level-Shifting, Voltage-Level Translator With Auto- Direction-Sensing for Open-Drain and Push-Pull Applications

TXS0101DBVR Datasheet (HTML) - Texas Instruments


TXS0101DBVR Product details

1 Features
• Latch-up performance exceeds 100mA per JESD
78, class II
• ESD protection exceeds JESD 22:
– A Port:
• 2500V Human-Body Model (A114-B)
• 200V Machine Model (A115-A)
• 1500V Charged-Device Model (C101)
– B port:
• 8kV Human-Body Model (A114-B)
• 200V Machine Model (A115-A)
• 1500V Charged-Device Model (C101)
• No direction-control signal needed
• Maximum data rates:
– 24Mbps (push pull)
– 2Mbps (open drain)
• Available in the Texas Instruments NanoFree™
package
• 1.65V to 3.6V on A port and 2.3V to 5.5V on B port
( VCCA ≤ VCCB)
• VCC isolation feature – if either VCC input is at
GND, both ports are in the high-impedance state
• No power-supply sequencing required – either
VCCA or VCCB can be ramped first
• Ioff supports partial-power-down mode operation

2 Applications
• Handsets
• Smartphones
• Tablets
• Desktop PCs

3 Description
This one-bit non-inverting translator uses two
separate configurable power-supply rails. The A port
is designed to track VCCA. VCCA accepts any supply
voltage from 1.65V to 3.6V. VCCA must be less than or
equal to VCCB . The B port is designed to track VCCB.
VCCB accepts any supply voltage from 2.3V to 5.5V.
This allows for low voltage bidirectional translation
between any of the 1.8V, 2.5V, 3.3V, and 5V voltage
nodes.
When the output-enable (OE) input is low, all outputs
are placed in the high-impedance state.
To put the device in the high-impedance state during
power up or power down, tie OE to GND through
a pull-down resistor; the current-sourcing capability
of the driver determines the minimum value of the
resistor.




Similar Part No. - TXS0101DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101DBVR TI-TXS0101DBVR Datasheet
590Kb / 18P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101DBVR TI-TXS0101DBVR Datasheet
615Kb / 19P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DBVR TI-TXS0101DBVR Datasheet
840Kb / 21P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DBVR TI1-TXS0101DBVR Datasheet
1Mb / 32P
1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXS0101DBVRG4 TI-TXS0101DBVRG4 Datasheet
590Kb / 18P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
More results


Similar Description - TXS0101DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101 TI-TXS0101_08 Datasheet
615Kb / 19P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101 TI-TXS0101_10 Datasheet
840Kb / 21P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
NXP Semiconductors
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
Bidirectional voltage level translator for open-drain and push-pull applications
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com