Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1084C Datasheet (PDF) - AXElite technology co. ltd

AX1084C Datasheet PDF - AXElite technology co. ltd
Part # AX1084C
Download  AX1084C Download
File Size   498.29 Kbytes
Page   9 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 5A Low Dropout Linear Regulator

AX1084C Datasheet (PDF)

Go To PDF Page Download Datasheet
AX1084C Datasheet PDF - AXElite technology co. ltd

Part # AX1084C
Download  AX1084C Click to download

File Size   498.29 Kbytes
Page   9 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 5A Low Dropout Linear Regulator

AX1084C Datasheet (HTML) - AXElite technology co. ltd


AX1084C Product details

 GENERAL DESCRIPTION
AX1084C is a low dropout positive adjustable or fixed-mode regulator with minimum of 5.0A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V logic supply. AX1084C is also well suited for other applications such as VGA cards. AX1084C is guaranteed to have lower than 1.5V dropout at full load current making it ideal to provide well-regulated outputs.

 FEATURES
- 1.5V maximum dropout at full load current
- Built-in thermal shutdown
- Output current limiting
- Adjustable output voltages
- 10uF or greater MLCCs are available for stability
- Fast transient response
- Good noise rejection
- Package: TO263-2L
- RoHS and Halogen free compliance




Similar Part No. - AX1084C

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX1084 AXELITE-AX1084 Datasheet
622Kb / 11P
5A Low Dropout Linear Regulator
Rev.2.0 Nov.16, 2019
AX1084D AXELITE-AX1084D Datasheet
622Kb / 11P
5A Low Dropout Linear Regulator
Rev.2.0 Nov.16, 2019
AX1084D15 AXELITE-AX1084D15 Datasheet
622Kb / 11P
5A Low Dropout Linear Regulator
Rev.2.0 Nov.16, 2019
AX1084D15A AXELITE-AX1084D15A Datasheet
622Kb / 11P
5A Low Dropout Linear Regulator
Rev.2.0 Nov.16, 2019
AX1084D18 AXELITE-AX1084D18 Datasheet
622Kb / 11P
5A Low Dropout Linear Regulator
Rev.2.0 Nov.16, 2019
More results


Similar Description - AX1084C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
5A Low Dropout Linear Regulator
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com