Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1008D33 Datasheet (PDF) - AXElite technology co. ltd

AX1008D33 Datasheet PDF - AXElite technology co. ltd
Part # AX1008D33
Download  AX1008D33 Download
File Size   625.6 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 5A Low Dropout Linear Regulator

AX1008D33 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX1008D33 Datasheet PDF - AXElite technology co. ltd

Part # AX1008D33
Download  AX1008D33 Click to download

File Size   625.6 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 5A Low Dropout Linear Regulator

AX1008D33 Datasheet (HTML) - AXElite technology co. ltd


AX1008D33 Product details

 GENERAL DESCRIPTION
AX1008 is a low dropout positive adjustable or fixed-mode regulator with minimum of 5.0A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V logic supply. AX1008 is also well suited for other applications such as VGA cards. AX1008 is guaranteed to have lower than 1.5V dropout at full load current making it ideal to provide well-regulated outputs of 1.2V to 5V.

 FEATURES
- 1.5V maximum dropout at full load current
- Built-in thermal shutdown
- Output current limiting
- Adjustable and 1.2V/1.5V/1.8V/2.5V/3.3V/5.0V fixed output voltages
- 10uF or greater MLCCs are available for stability
- Fast transient response
- Good noise rejection
- Package: TO252-3L, TO263-2L
- RoHS and Halogen free compliance




Similar Part No. - AX1008D33

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX1000 MICROSEMI-AX1000 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
AX1000 MICROSEMI-AX1000 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
logo
Actel Corporation
AX1000-1BG896 ACTEL-AX1000-1BG896 Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX1000-1BG896B ACTEL-AX1000-1BG896B Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX1000-1BG896I ACTEL-AX1000-1BG896I Datasheet
2Mb / 226P
Axcelerator Family FPGAs
More results


Similar Description - AX1008D33

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
5A Low Dropout Linear Regulator
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com