Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3075U Datasheet (PDF) - AXElite technology co. ltd

AX3075U Datasheet PDF - AXElite technology co. ltd
Part # AX3075U
Download  AX3075U Download
File Size   1245.23 Kbytes
Page   17 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description Wide Input Range CC/CV Step Down Controller

AX3075U Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3075U Datasheet PDF - AXElite technology co. ltd

Part # AX3075U
Download  AX3075U Click to download

File Size   1245.23 Kbytes
Page   17 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description Wide Input Range CC/CV Step Down Controller

AX3075U Datasheet (HTML) - AXElite technology co. ltd


AX3075U Product details

 GENERAL DESCRIPTION
The AX3075/B is a step down PWM controller with a driving dual output current to 4.8A. It is designed to allow for operating a wide supply voltage range from 9V to 40V. The external shutdown function can be controlled by logic level to pull COMP pin down, and then comes into standby mode. The external compensation makes feedback control have good line and load regulation with flexible external design.
The AX3075/B operates in the CC (Constant output Current) mode or CV (Constant output Voltage) mode, and the OCP current value is set by current sensing resisters.
The AX3075/B is suitable for the DC/DC switching power applications when requested the current limit function. The devices are available in TDFN-10L and MSOP-10L packages and require very few external devices for operation.

 FEATURES
- VIN Operate with 9V ~ 40V Supply Voltage
- VOUT Accuracy (VREF =1.0V) ±2.0%
- Dual-Channeling CC/CV Mode Control
- External Current Limit Setting for 2 channel
- Over Temperature Protection
- Internal Soft Start ~ 3ms
- Fixed Frequency 120KHz/65KHz
- UVLO Protection (min=7V, typ=7.5V, max=8V)
- Duty Cycle Range
AX3075 (0~93%)
AX3075B (0~97%)
- Single Pin to External Compensation and Shutdown Control
- COUT MLCC support.
- Built in Adjustable Line-Compensation
- TDFN-10L ,MSOP-10L Package
- RoHS and Halogen free compliance

 APPLICATION
- Car Charger
- High-Brightness Lighting
- Portable Charger Devices
- General-Purpose DC/DC Controller with Current Limit




Similar Part No. - AX3075U

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3070 AXELITE-AX3070 Datasheet
1Mb / 15P
Wide Input Range CC/CV Step Down Controller
Rev1.6 Oct.08, 2019
AX3070U AXELITE-AX3070U Datasheet
1Mb / 15P
Wide Input Range CC/CV Step Down Controller
Rev1.6 Oct.08, 2019
AX3070UA AXELITE-AX3070UA Datasheet
1Mb / 15P
Wide Input Range CC/CV Step Down Controller
Rev1.6 Oct.08, 2019
AX3071 AXELITE-AX3071 Datasheet
1Mb / 16P
Wide Input Range CC/CV Step Down Controller
Rev1.6 Oct.08, 2019
AX3071U AXELITE-AX3071U Datasheet
1Mb / 16P
Wide Input Range CC/CV Step Down Controller
Rev1.6 Oct.08, 2019
More results


Similar Description - AX3075U

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4515 ACTIVE-SEMI-ACT4515 Datasheet
454Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 4, 21-Jul-11
ACT4523 ACTIVE-SEMI-ACT4523 Datasheet
648Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 4, 21-Jul-11
ACT4523 ACTIVE-SEMI-ACT4523_12 Datasheet
657Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 5, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4523 ACTIVE-SEMI-ACT4523_13 Datasheet
658Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 01-Aug-13
ACT4533C ACTIVE-SEMI-ACT4533C Datasheet
423Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 14-Nov-14
EA4523AYH ACTIVE-SEMI-EA4523AYH Datasheet
400Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com