Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS24062RQ23 Datasheet (PDF) - Littelfuse

LS24062RQ23 Datasheet PDF - Littelfuse
Part # LS24062RQ23
Download  LS24062RQ23 Download
File Size   1685.89 Kbytes
Page   16 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 24V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting

LS24062RQ23 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS24062RQ23 Datasheet PDF - Littelfuse

Part # LS24062RQ23
Download  LS24062RQ23 Click to download

File Size   1685.89 Kbytes
Page   16 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 24V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting

LS24062RQ23 Datasheet (HTML) - Littelfuse


LS24062RQ23 Product details

■ Wide Supply Voltage Range
from 3V to 24V
■ 30V Tolerance on Port VBUS1 and VBUS2
■ Integrate a 24mΩ Ultra Low
On Protection Switch
■ External Adjustable Soft-Start Time
■ External Adjustable Input Over-voltage Threshold
■ Short-circuit Protection
■ Fault Indicator
■ Thermal Shutdown Protection and Auto Recovery




Similar Part No. - LS24062RQ23

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
More results


Similar Description - LS24062RQ23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25200 TI1-TPS25200 Datasheet
3Mb / 31P
5V eFuse with Precision Adjustable Current Limit and Overvoltage Clamp
TPS25200-Q1 TI1-TPS25200-Q1 Datasheet
2Mb / 28P
5-V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
logo
Maxim Integrated Produc...
MAX20313 MAXIM-MAX20313 Datasheet
667Kb / 14P
Adjustable Current Limit (500mA to 6A)
Rev 0; 6/17
MAX20314 MAXIM-MAX20314 Datasheet
653Kb / 14P
500mA to 6A Adjustable Current-Limit Switches
Rev 0; 6/17
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
logo
Maxim Integrated Produc...
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
500mA to 6A Adjustable Current-Limit Switches
2019
logo
Littelfuse
LS1205EXD33 LITTELFUSE-LS1205EXD33 Datasheet
1Mb / 10P
18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
GD. 09/20/22
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com