Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3884 Datasheet (PDF) - Hamamatsu Corporation

S3884 Datasheet PDF - Hamamatsu Corporation
Part # S3884
Download  S3884 Download
File Size   152.04 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Si APD Low bias operation, for 800 nm band

S3884 Datasheet (PDF)

Go To PDF Page Download Datasheet
S3884 Datasheet PDF - Hamamatsu Corporation

Part # S3884
Download  S3884 Click to download

File Size   152.04 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Si APD Low bias operation, for 800 nm band

S3884 Datasheet (HTML) - Hamamatsu Corporation




Similar Part No. - S3884

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3884 HAMAMATSU-S3884 Datasheet
148Kb / 4P
Low bias operation, for 800 nm band
More results


Similar Description - S3884

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
APD MODULE FOR LONG WAVELENGTH BAND
logo
Hamamatsu Corporation
S4402 HAMAMATSU-S4402 Datasheet
82Kb / 2P
Si APD ?1 mm quadrant APD
S6045 HAMAMATSU-S6045 Datasheet
235Kb / 4P
Low temperature coefficient type APD for 800 nm band
S4315-01 HAMAMATSU-S4315-01 Datasheet
148Kb / 4P
Low bias operation, for 800 nm band
logo
Linear Technology
LT3571 LINER-LT3571_15 Datasheet
225Kb / 16P
75V DC/DC Converter for APD Bias
logo
Hamamatsu Corporation
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
Low bias operation, high-speed Si APD for 900 nm
S12053-02 HAMAMATSU-S12053-02_15 Datasheet
232Kb / 5P
Short wavelength type APD, for 600 nm band
S12023 HAMAMATSU-S12023_15 Datasheet
271Kb / 6P
Low bias operation, for 800 nm band
S10341 HAMAMATSU-S10341_15 Datasheet
292Kb / 4P
Low bias operation, for 800 nm band
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com