Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPA-M2000 Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SPA-M2000 Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SPA-M2000
Download  SPA-M2000 Download
File Size   642.3 Kbytes
Page   3 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description IP Microphone

SPA-M2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPA-M2000 Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SPA-M2000
Download  SPA-M2000 Click to download

File Size   642.3 Kbytes
Page   3 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description IP Microphone

SPA-M2000 Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SPA-M2000 Product details

• Output Level: +10dBV± 3dB
• Frequency Response: 100Hz ~ 18kHz
• Supported Protocol: IPv4, HTTP, mDNS, DNS, NTP, TCP, UDP, DHCP, ARP, ICMP
• Power: PoE (IEEE 802.3 af type 1 Class 3), Max.10W, DC24V
• Ethernet: 100/1000 Base-T




Similar Part No. - SPA-M2000

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SPA-M2000 HANWHAVISION-SPA-M2000 Datasheet
629Kb / 4P
SIP Microphone
More results


Similar Description - SPA-M2000

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AOM-4540L-R PUI-AOM-4540L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-4544P-NF-R PUI-AOM-4544P-NF-R Datasheet
56Kb / 1P
MICROPHONE
AOM-5242L-R PUI-AOM-5242L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-5538L-NF-R PUI-AOM-5538L-NF-R Datasheet
60Kb / 1P
MICROPHONE
POM-1644P-NF-R PUI-POM-1644P-NF-R Datasheet
58Kb / 1P
MICROPHONE
POM-1844P-C33-R PUI-POM-1844P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2240P-C33-R PUI-POM-2240P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2244P-2-R PUI-POM-2244P-2-R Datasheet
95Kb / 1P
MICROPHONE
POM-2246P-C33-R PUI-POM-2246P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2738L-R PUI-POM-2738L-R Datasheet
55Kb / 1P
MICROPHONE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com