Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3399 Datasheet (PDF) - Hamamatsu Corporation

S3399 Datasheet PDF - Hamamatsu Corporation
Part # S3399
Download  S3399 Download
File Size   120.49 Kbytes
Page   3 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Si PIN photodiode Large area, high-speed Si PIN photodiodes

S3399 Datasheet (PDF)

Go To PDF Page Download Datasheet
S3399 Datasheet PDF - Hamamatsu Corporation

Part # S3399
Download  S3399 Click to download

File Size   120.49 Kbytes
Page   3 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Si PIN photodiode Large area, high-speed Si PIN photodiodes

S3399 Datasheet (HTML) - Hamamatsu Corporation


S3399 Product details

Si PIN photodiode
Large area, high-speed Si PIN photodiodes

S3071, S3072, S3399 and S3883 are Si PIN photodiodes having a relatively large active area from φ1.5 to φ5.0 mm yet they offer excellent frequency response from 40 to 300 MHz. These photodiodes are suitable for spatial light transmission and high-speed pulsed light detection.

Features
● Active area size
   S3071: φ5.0 mm
   S3072: φ3.0 mm
   S3399: φ3.0 mm
   S3883: φ1.5 mm
● Cut-off frequency
   S3071: 40 MHz (VR=24 V)
   S3072: 45 MHz (VR=24 V)
   S3399: 100 MHz (VR=10 V)
   S3883: 300 MHz (VR=20 V)
● High reliability: TO-5/8 metal package

Applications
● Spatial light transmission
● High-speed pulsed light detection




Similar Part No. - S3399

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
S33996 SCHNEIDER-S33996 Datasheet
92Kb / 2P
R-FRAME CIRCUIT BREAKER TOGGLE PADLOCK ATTACHMENT OFF-ONLY
More results


Similar Description - S3399

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5377 HAMAMATSU-S5377 Datasheet
207Kb / 2P
Large area Si PIN photodiode for direct detection
S9723 HAMAMATSU-S9723 Datasheet
99Kb / 2P
Si PIN photodiode Large area Si PIN photodiode for direct detection
S1722-02 HAMAMATSU-S1722-02 Datasheet
96Kb / 2P
Si PIN photodiode Large area, high-speed PIN photodiodes for UV to near IR photometry
S2744 HAMAMATSU-S2744 Datasheet
122Kb / 2P
Si PIN photodiode Large area sensors for scintillation detection
S3590-18 HAMAMATSU-S3590-18 Datasheet
416Kb / 2P
Si PIN photodiode Large area Si PIN photodiode for scintillation counting
S8385 HAMAMATSU-S8385_15 Datasheet
179Kb / 4P
Si PIN photodiodes
S3071 HAMAMATSU-S3071_15 Datasheet
228Kb / 4P
Si PIN photodiodes
S2506 HAMAMATSU-S2506_15 Datasheet
163Kb / 5P
Si PIN photodiodes
S1223 HAMAMATSU-S1223_15 Datasheet
619Kb / 3P
Si PIN photodiodes
S11499 HAMAMATSU-S11499_15 Datasheet
223Kb / 3P
Si PIN photodiodes
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com