Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD-260B Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SPD-260B Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SPD-260B
Download  SPD-260B Download
File Size   614.98 Kbytes
Page   1 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 16 Monitor Network Video Decoder / 2 Monitor Decoder Board for SPD-1660R

SPD-260B Datasheet (PDF)

Go To PDF Page Download Datasheet
SPD-260B Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SPD-260B
Download  SPD-260B Click to download

File Size   614.98 Kbytes
Page   1 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 16 Monitor Network Video Decoder / 2 Monitor Decoder Board for SPD-1660R

SPD-260B Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SPD-260B Product details

Key Features
• Max. 16 monitors (HDMI 16ea / VGA 16ea)
- HDMI / VGA : Clone
• Max. 4K resolution support
• Video decoding up to 12MP resolution camera
• Decoding bandwidth : 600Mbps
• H.265, H.264, MJPEG support
• Various view mode : 1 / 4 / 6 / 8 / 9 / 13 / 16 / 2V / 3V
• Up to 20 Layout sequence per each monitor
• Monitor merge : 1x2, 2x1, 2x2, 2x3, 3x2, 2x4, 2x5, 4x2, 3x3,
3x4, 4x3, 4x4, 3x5, 5x3, 5x2
• Manage using SSM and web viewer




Similar Part No. - SPD-260B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPD-20 MEANWELL-SPD-20 Datasheet
501Kb / 2P
20kA Surge Protection Device
SPD-20-240P MEANWELL-SPD-20-240P Datasheet
246Kb / 1P
20kA Surge Protection Device
SPD-20HP MEANWELL-SPD-20HP Datasheet
92Kb / 4P
20kA High Performance Surge Protection Device
SPD-20HP-277S MEANWELL-SPD-20HP-277S Datasheet
92Kb / 4P
20kA High Performance Surge Protection Device
SPD-20HP-480S MEANWELL-SPD-20HP-480S Datasheet
92Kb / 4P
20kA High Performance Surge Protection Device
More results


Similar Description - SPD-260B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
MULTISTANDARD VIDEO DECODER
logo
Sanyo Semicon Device
LC74201E SANYO-LC74201E Datasheet
246Kb / 21P
Video CD Decoder
logo
Hynix Semiconductor
GDC21D401B HYNIX-GDC21D401B Datasheet
694Kb / 28P
Video Decoder
logo
List of Unclassifed Man...
L64105 ETC1-L64105 Datasheet
4Mb / 454P
AUDIO/VIDEO DECODER
logo
Cirrus Logic
CS92210 CIRRUS-CS92210 Datasheet
50Kb / 2P
MPEG-2 VIDEO Encoder/Decoder
logo
Texas Instruments
SN74BCT2414 TI-SN74BCT2414 Datasheet
129Kb / 9P
MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
MPEG Video Decoder
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
Video Decoder
logo
Axiomtek Co., Ltd.
DSB300 AXIOMTEK-DSB300 Datasheet
545Kb / 1P
Hardware decoder for full HD monitor
logo
Texas Instruments
SN74BCT2414 TI1-SN74BCT2414_16 Datasheet
534Kb / 14P
MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com