Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPI-50 Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SPI-50 Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SPI-50
Download  SPI-50 Download
File Size   307.74 Kbytes
Page   1 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description IR Illuminator

SPI-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPI-50 Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SPI-50
Download  SPI-50 Click to download

File Size   307.74 Kbytes
Page   1 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description IR Illuminator

SPI-50 Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SPI-50 Product details

• Compatible IR Illuminator for TNU-6320/6321
• IR light covers whole FoV range of TNU-6320/6321
• Wavelength : 850nm
Key Features




Similar Part No. - SPI-50

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SPI-50 HANWHAVISION-SPI-50 Datasheet
696Kb / 4P
2M H.264 Positioning Camera
SPI-50 HANWHAVISION-SPI-50 Datasheet
513Kb / 5P
2MP Positioning Camera
More results


Similar Description - SPI-50

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSB-LX02IC LUMEX-SSB-LX02IC Datasheet
83Kb / 1P
2 Chip LCD Illuminator
SSB-LX02SGC LUMEX-SSB-LX02SGC Datasheet
83Kb / 1P
2 Chip LCD Illuminator
SSB-LX02SRC LUMEX-SSB-LX02SRC_17 Datasheet
86Kb / 1P
2 Chip LCD Illuminator
SSB-LX02YC LUMEX-SSB-LX02YC Datasheet
83Kb / 1P
2 Chip LCD Illuminator
logo
OptoDiode Corp
OD-663-850 OPTODIODE-OD-663-850_15 Datasheet
353Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-666-850 OPTODIODE-OD-666-850_15 Datasheet
371Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-669 OPTODIODE-OD-669_15 Datasheet
295Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
logo
List of Unclassifed Man...
OTFI-0100 ETC2-OTFI-0100 Datasheet
263Kb / 4P
LED Fiber Optic Illuminator
X-CITE120Q ETC1-X-CITE120Q Datasheet
166Kb / 1P
X-Cite 120Q illuminator
logo
Aven, Inc.
26200A-310 AVEN-26200A-310 Datasheet
653Kb / 1P
Fiber Optic Illuminator 20W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com