Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP-C08020E Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SPP-C08020E Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SPP-C08020E
Download  SPP-C08020E Download
File Size   837.5 Kbytes
Page   3 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description M12-RJ45 Ethernet cable 2M (6.6ft)

SPP-C08020E Datasheet (PDF)

Go To PDF Page Download Datasheet
SPP-C08020E Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SPP-C08020E
Download  SPP-C08020E Click to download

File Size   837.5 Kbytes
Page   3 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description M12-RJ45 Ethernet cable 2M (6.6ft)

SPP-C08020E Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SPP-C08020E Product details

• Color : Blue
• Material : PVC/PE
• Protect against dust, moisture and vibration
• Length : 2M (6.6ft)




Similar Part No. - SPP-C08020E

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SPP-C08020E HANWHAVISION-SPP-C08020E Datasheet
2Mb / 5P
Dual Sensor BCR Camera
SPP-C08020E HANWHAVISION-SPP-C08020E Datasheet
2Mb / 5P
Dual Sensor BCR Camera
SPP-C08020E HANWHAVISION-SPP-C08020E Datasheet
2Mb / 5P
Dual Sensor BCR Camera
More results


Similar Description - SPP-C08020E

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TCSEAAF11F13F00 SCHNEIDER-TCSEAAF11F13F00 Datasheet
87Kb / 1P
adaptor M12 female/RJ45 - for Ethernet connection
Jan 7, 2021
XGSZ12E1201 SCHNEIDER-XGSZ12E1201 Datasheet
74Kb / 2P
OsiSense XG cable M12/M12 D coded - Ethernet - 1m
Jan 7, 2021
XGSZ12E1203 SCHNEIDER-XGSZ12E1203 Datasheet
76Kb / 3P
OsiSense XG cable M12/M12 D coded - Ethernet - 3m
Jan 7, 2021
XGSZ12E1210 SCHNEIDER-XGSZ12E1210 Datasheet
76Kb / 3P
OsiSense XG cable M12/M12 D coded - Ethernet - 10m
Jan 7, 2021
XGSZ12E1225 SCHNEIDER-XGSZ12E1225 Datasheet
74Kb / 2P
OsiSense XG cable M12/M12 D coded - Ethernet - 25m
Jan 7, 2021
XGSZ12E4501 SCHNEIDER-XGSZ12E4501 Datasheet
83Kb / 3P
OsiSense XG cable M12 D coded to RJ45 - Ethernet - 1m
NOV 30, 2021
XGSZ12E4503 SCHNEIDER-XGSZ12E4503 Datasheet
78Kb / 3P
OsiSense XG cable M12 D coded to RJ45 - Ethernet - 3m
Jan 7, 2021
XGSZ12E4510 SCHNEIDER-XGSZ12E4510 Datasheet
79Kb / 3P
OsiSense XG cable M12 D coded to RJ45 - Ethernet - 10m
Jan 7, 2021
XGSZ22E4503 SCHNEIDER-XGSZ22E4503 Datasheet
79Kb / 3P
Jumper Ethernet M12/RJ45 straight/elbowed shielded 3m
Jan 7, 2021
XGSZ22E4510 SCHNEIDER-XGSZ22E4510 Datasheet
77Kb / 2P
Jumper Ethernet M12/RJ45 straight/elbowed shielded 10m
Jan 7, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com