Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARG314 Datasheet (PDF) - Campbell Scientific United Kingdom

ARG314 Datasheet PDF - Campbell Scientific United Kingdom
Part # ARG314
Download  ARG314 Download
File Size   337.2 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description ARG314 Rain Gauge

ARG314 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARG314 Datasheet PDF - Campbell Scientific United Kingdom

Part # ARG314
Download  ARG314 Click to download

File Size   337.2 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description ARG314 Rain Gauge

ARG314 Datasheet (HTML) - Campbell Scientific United Kingdom


ARG314 Product details

Benefits and Features
Suitable for all types of climates and intensities of rainfall
Extremely robust and versatile for applications where data precision and accuracy are critical
Unique aerodynamic shape for accuracy of measurements, even in windy or exposed sites - supported by published academic research (Colli et al, 2018 & Pollock et al, 2018)
Precision injection moulded internal components resulting in outstanding accuracy and repeatabiilty
Meets all WMO recommendations for funnel area
External levelling bubble for easy levelling
No base plate required. Adjustable mounting feet also make levelling this gauge straightforward
Improved nozzle design - repeatable performance up to 1000 mm/hr

Technical Description
The internal tipping bucket mechanism has been designed o ensure maximum performance repeatability.
The ARG314 is a UV-stabilised injection-moulded plastic replica of the very successful, highly accurate aluminium SBS range.
Traditional cylinder-shaped rain gauges are inaccurate due to the effect of wind blowing over the orifice. The physical presence of the gauge causes air to accelerate, carrying rainfall away from the collecting vessel. The effect of this can be up to a 20% reduction in rainfall catch. The unique aerodynamic shape of this range of scientific standard rain gauges reduces this effect, ensuring a high level of confidence in the accuracy of our measurements.
Cables are available in 6 m, 10 m, 15 m, 20 m & 30 m lengths.




Similar Part No. - ARG314

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
ARG IRCTT-ARG Datasheet
154Kb / 1P
High Power Metal Glaze??Resistor
ARG07 IRCTT-ARG07 Datasheet
154Kb / 1P
High Power Metal Glaze??Resistor
logo
Allegro MicroSystems
ARG81300 ALLEGRO-ARG81300 Datasheet
862Kb / 22P
Single LNB Supply and Control Voltage Regulator
ARG81300SESWTR ALLEGRO-ARG81300SESWTR Datasheet
862Kb / 22P
Single LNB Supply and Control Voltage Regulator
ARG81400 ALLEGRO-ARG81400 Datasheet
4Mb / 61P
Buck or Buck/Boost Pre-Regulator with a Synchronous Buck, 5 Internal Linear Regulators, Pulse-Width Watchdog Timer, and SPI
More results


Similar Description - ARG314

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E527.05 ELMOS-E527.05 Datasheet
299Kb / 2P
HALIOS RAIN AND LIGHT SENSOR
E527.04 ELMOS-E527.04 Datasheet
168Kb / 2P
Rain and Light Sensor
logo
OSRAM GmbH
BPW34S OSRAM-BPW34S Datasheet
756Kb / 17P
LIDAR, Pre-Crash, ACC Rain Sensors
BPW34SR OSRAM-BPW34SR Datasheet
924Kb / 18P
Rain Sensors
logo
FIBOX Enclosing innovat...
8120940 FIBOX-8120940 Datasheet
38Kb / 1P
Rain canopy set for size 2030
24.07.2023
8120942 FIBOX-8120942 Datasheet
38Kb / 1P
Rain canopy set for size 3040
24.07.2023
8120946 FIBOX-8120946 Datasheet
38Kb / 1P
Rain canopy set for size 5040
24.07.2023
8120947 FIBOX-8120947 Datasheet
38Kb / 1P
Rain canopy set for size 5070
24.07.2023
8120949 FIBOX-8120949 Datasheet
38Kb / 1P
Rain canopy set for size 6080
24.07.2023
logo
Vaisala
RG13 VAISALA-RG13 Datasheet
2Mb / 2P
Rain Gauge RG13, RG13H
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com