Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS125 Datasheet (PDF) - Campbell Scientific United Kingdom

CS125 Datasheet PDF - Campbell Scientific United Kingdom
Part # CS125
Download  CS125 Download
File Size   762.49 Kbytes
Page   3 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Present Weather and Visibility Sensor

CS125 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS125 Datasheet PDF - Campbell Scientific United Kingdom

Part # CS125
Download  CS125 Click to download

File Size   762.49 Kbytes
Page   3 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Present Weather and Visibility Sensor

CS125 Datasheet (HTML) - Campbell Scientific United Kingdom


CS125 Product details

Benefits and Features
High performance sensor at a competitive price
Three year extended warranty available on this product
Sensor design minimises airflow disruption at measurement volume
Simple field calibration using optional calibration kit
Low power - suitable for remote application
Automatic status check for faults or window contamination
Incorporates automatic dew and hood heaters for allweather operation
Madein UK
Type certified for Aviation use by the German Meteorological Service, Deutscher Wetterdienst (DWD)

Technical Description
The CS125 uses the well-established forward scatter system for visibility measurement, using a 42° scatter angle, which gives accurate estimates of Meteorological Observable
Range (M.OR) for fog and snow.
It identifies precipitation particles from their scattering properties and fall speeds, and combines this with a temperature measurement to identify the weather type. It has downward-pointing optics that reduce the risk of contamination of the optics and blockage with snow.
Interference to the sample volume from the sensor by flow distortion or heat is minimized. It also provides reliable present weather information in the form of SYNOP codes, including information on the intensity of precipitation. Accumulation can also be reported.
The CS5125 uses continuous high-speed sampling to reduce errors during mixed-weather events and events that return intermittent signals, such as rain and hail, while still providing reliable readings during more stable events, such as fog and mist. The C5125 has high immunity to interference from the visible and infrared warning lights used to mark obstructions, such as wind turbines.
The sensor can be set to a lower sampling frequency to save power, if required.
The CS125 incorporates low-power dew prevention heaters, as well as higher-power anti-icing heaters for the hoods as standard. These heaters are automatically controlled to ensure operation in all weather, or they can be disabled individually to save power.
The CS125 continuously monitors its own status and will report internal faults and contamination or blockage of the sensor lenses. It also has two user-configurable alarm outputs that can be used to drive audio or visual alarms using solid-state relays.
The CS125 is certified by Deutscher Wetterdienst as suitable for use to control wind turbine obstruction light systems as specified by 506/04, General Administrative Rules for the Identification of Aircraft Obstructions.




Similar Part No. - CS125

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS125 CAMPBELL-CS125 Datasheet
726Kb / 2P
Visibility and Present Weather Sensors
October 8, 2020
CS125 CAMPBELL-CS125 Datasheet
610Kb / 2P
Visibility, Background Luminance, and Present Weather Monitoring
01/28/2025
logo
IXYS Corporation
CS1250 IXYS-CS1250 Datasheet
27Kb / 2P
Phase Control Thyristor
CS1250-12IO1 IXYS-CS1250-12IO1 Datasheet
27Kb / 2P
Phase Control Thyristor
CS1250-14IO1 IXYS-CS1250-14IO1 Datasheet
27Kb / 2P
Phase Control Thyristor
More results


Similar Description - CS125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
450-3180-GRX ETC2-450-3180-GRX Datasheet
75Kb / 1P
High Visibility Color Knobs
logo
Laird Tech Smart Techno...
S8658WPR LSTD-S8658WPR Datasheet
637Kb / 1P
Weather and UV resistant radome
S9025P LSTD-S9025P Datasheet
737Kb / 2P
Weather and UV resistant radome
S9028PCL LSTD-S9028PCL Datasheet
694Kb / 1P
Weather and UV resistant radome
PAL86518H-FNF LSTD-PAL86518H-FNF Datasheet
2Mb / 1P
Weather and UV resistant radome
logo
BELIMO AIRCONTROLS (USA...
22UTH-510B BELIMO-22UTH-510B Datasheet
582Kb / 5P
Outdoor Sensor Humidity, Temperature with weather shield
22UTH-530B BELIMO-22UTH-530B Datasheet
585Kb / 5P
Outdoor Sensor Humidity, Temperature with weather shield
logo
Maxim Integrated Produc...
MAX8804ZEVKIT MAXIM-MAX8804ZEVKIT Datasheet
136Kb / 7P
Power-Present and Charger-Status Outputs
Rev 0; 4/08
logo
Vaisala
FS11 VAISALA-FS11 Datasheet
1Mb / 2P
Visibility Sensor FS11
logo
E+E Elektronik Ges.m.b....
HMC03M EPLUSE-HMC03M Datasheet
694Kb / 2P
Heated Humidity Sensor for Radiosondes and Weather Balloons
v1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com