Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A200 Datasheet (PDF) - Campbell Scientific United Kingdom

A200 Datasheet PDF - Campbell Scientific United Kingdom
Part # A200
Download  A200 Download
File Size   2530.27 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description GPS Receiver

A200 Datasheet (PDF)

Go To PDF Page Download Datasheet
A200 Datasheet PDF - Campbell Scientific United Kingdom

Part # A200
Download  A200 Click to download

File Size   2530.27 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description GPS Receiver

A200 Datasheet (HTML) - Campbell Scientific United Kingdom


A200 Product details

Technical Description
The GPS16X-HVS consists of a receiver and an integrated antenna. This device receives signals from orbiting Geographic Positioning System (GPS) satellites then uses the signals to calculate position and velocity. The GPS16XHVS can also provide a highly accurate one-pulse-persecond (PPS) output for precise timing measurements.
The GPS16X-HVS receiver is manufactured by Garmin International. Campbell Scientific configures the receiver and modifies its cable. The modified cable terminates in pigtails that attach directly to the control ports of a CR6, CR800, CR850, CR1000 or CR3000 datalogger. In these dataloggers the logger clock is set and GPS position data read with a single instruction.
Default settings are typically used. The default settings and options are changed using GPS16 software, which is available, at no charge, from the Garmin website (www.
garmin.com). Additional hardware is required to connect the GPS16X-HVS to the PC running the GPS16 software (see Ordering Information for more information).

Benefits and Features
Supports real-time WAAS, EGNOS or RTMC corrections for accuracy of 3 to 5 m
Attaches directly to a CR6, regardless of functionality Connects directly to a CR800, CR850, CR1000, or CR3000 datalogger when PPP time-synchronizing functionality is not
used
Processes data from up to 12 satellites depending on the number of satellites viewable above the horizon
Allows the datalogger clock to be set to the highly accurate GPS time
Configured by Campbell Scientific to output RMC and GGA data strings at 38400 bps
Extremely accurate timing pulse (PPS) can be used to synchronize time between the datalogger and other instruments




Similar Part No. - A200

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
A200 CAMPBELL-A200 Datasheet
283Kb / 2P
Submersible Pressure Transducers
August 2012
logo
Tripp Lite. All Rights ...
A200-006 TRIPPLITE-A200-006 Datasheet
159Kb / 2P
RG59 Coax Cable with F-Type Connectors, 6-ft.
A200-012 TRIPPLITE-A200-012 Datasheet
158Kb / 2P
RG59 Coax Cable with F-Type Connectors, 12-ft.
A200-025 TRIPPLITE-A200-025 Datasheet
158Kb / 2P
RG59 Coax Cable with F-Type Connectors, 25-ft.
logo
List of Unclassifed Man...
A200-80MG-0215 ETC-A200-80MG-0215 Datasheet
781Kb / 4P
200 MM PROCESS WAFER CARRIERS
More results


Similar Description - A200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EZGPM01 ETC-EZGPM01 Datasheet
387Kb / 10P
GPS RECEIVER
ITRAX02 ETC2-ITRAX02 Datasheet
871Kb / 2P
GPS RECEIVER MODULE
TIM-LC ETC2-TIM-LC Datasheet
510Kb / 15P
GPS Receiver Module
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
83Kb / 2P
GPS Receiver IC
SE4110S SIGE-SE4110S Datasheet
80Kb / 2P
GPS Receiver IC
logo
Maxim Integrated Produc...
MAX2769 MAXIM-MAX2769 Datasheet
519Kb / 23P
Universal GPS Receiver
Rev 2; 6/10
MAX2769B_1108 MAXIM-MAX2769B_1108 Datasheet
3Mb / 25P
Universal GPS Receiver
Rev 1; 8/11
logo
List of Unclassifed Man...
GPS100 ETC2-GPS100 Datasheet
103Kb / 4P
GPS Receiver
logo
Semtech Corporation
RGPSM002 SEMTECH-RGPSM002 Datasheet
978Kb / 26P
GPS Receiver
logo
Maxim Integrated Produc...
MAX2769B MAXIM-MAX2769B_V01 Datasheet
3Mb / 27P
Universal GPS Receiver
2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com