Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6601 Datasheet (PDF) - AXElite technology co. ltd

AX6601 Datasheet PDF - AXElite technology co. ltd
Part # AX6601
Download  AX6601 Download
File Size   511.69 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 300mA Low Dropout (LDO) Linear Regulator

AX6601 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX6601 Datasheet PDF - AXElite technology co. ltd

Part # AX6601
Download  AX6601 Click to download

File Size   511.69 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 300mA Low Dropout (LDO) Linear Regulator

AX6601 Datasheet (HTML) - AXElite technology co. ltd


AX6601 Product details

 GENERAL DESCRIPTION
The AX6601 is a 300mA, fixed output voltage, low dropout linear regulator. The Device includes pass element, error amplifier, band-gap, current-limit, and thermal shutdown circuitry. The characteristics of low dropout voltage and less quiescent current make it good for some critical current application, for example, some battery powered devices. The typical quiescent current is approximately 90μA. Due to internal flexible design, result in extensively fixed output voltage versions and make it convenient to use for applications. Built-in current-limit, short-circuit protection and thermal-shutdown functions prevent any fault condition from IC damage.

 FEATURES
- Input voltage range is up to 6V
- Dropout voltage 200mV at 150mA output current
- Guaranteed 300mA output current
- Low quiescent current 90μA (typ.)
- Fixed Output voltage is 1.5V, 1.8V, 2.5V, 2.8V, 3.0V and 3.3V.
- Fast transient response
- Current limit ,short-circuit protection and thermal shutdown protection
- Available in the SOT-23-3L and SOT-89-3L Packages
- RoHS and Halogen free compliance.




Similar Part No. - AX6601

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6603 AXELITE-AX6603 Datasheet
561Kb / 12P
300mA High PSRR, Low Noise LDO Regulator
Rev.2.1 Nov.08, 2019
AX6603-100BT AXELITE-AX6603-100BT Datasheet
561Kb / 12P
300mA High PSRR, Low Noise LDO Regulator
Rev.2.1 Nov.08, 2019
AX6603-100BTA AXELITE-AX6603-100BTA Datasheet
561Kb / 12P
300mA High PSRR, Low Noise LDO Regulator
Rev.2.1 Nov.08, 2019
AX6603-100Z6 AXELITE-AX6603-100Z6 Datasheet
561Kb / 12P
300mA High PSRR, Low Noise LDO Regulator
Rev.2.1 Nov.08, 2019
AX6603-100Z6A AXELITE-AX6603-100Z6A Datasheet
561Kb / 12P
300mA High PSRR, Low Noise LDO Regulator
Rev.2.1 Nov.08, 2019
More results


Similar Description - AX6601

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
300mA Low Dropout (LDO) Linear Regulator
Rev. 1.0 May 7, 2004
logo
Diodes Incorporated
AP130 DIODES-AP130 Datasheet
161Kb / 8P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com