Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6603A Datasheet (PDF) - AXElite technology co. ltd

AX6603A Datasheet PDF - AXElite technology co. ltd
Part # AX6603A
Download  AX6603A Download
File Size   505.98 Kbytes
Page   9 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 300mA High PSRR, Low Noise LDO Regulator

AX6603A Datasheet (PDF)

Go To PDF Page Download Datasheet
AX6603A Datasheet PDF - AXElite technology co. ltd

Part # AX6603A
Download  AX6603A Click to download

File Size   505.98 Kbytes
Page   9 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 300mA High PSRR, Low Noise LDO Regulator

AX6603A Datasheet (HTML) - AXElite technology co. ltd


AX6603A Product details

 GENERAL DESCRIPTION
The AX6603A is a 300mA, low quiescent, high PSRR, low noise and low dropout linear regulator. The Device includes pass element, error amplifier, band-gap, current-limit and thermal shutdown circuitry. The characteristics of low dropout voltage and less quiescent current make it good for some critical current application, for example, some battery powered devices. The typical quiescent current is approximately 90μA. In the shutdown mode, the maximum supply current is less than 0.1uA. Built-in current-limit, Short current protection and thermal-shutdown functions prevent any fault condition from IC damage.

 FEATURES
- Input voltage range : 2.6V~6.0V
- Dropout voltage is 180mV at 150mA output current
- Guaranteed 300mA output current
- Low quiescent current is 90μA (typ.)
- Maximum supply current in shutdown mode <0.1uA
- 3.3V/2.8V/2.5V/1.8V/1.5V Fixed Output voltage
- High PSRR=70dB@120Hz, 65dB@1KHz
- Fast transient response
- Current limit and thermal shutdown protection
- Short circuit current fold-back
- Available in the 5-Pin Pb-Free SOT23 Package
- RoHS and Halogen free compliance.




Similar Part No. - AX6603A

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6603 AXELITE-AX6603 Datasheet
561Kb / 12P
300mA High PSRR, Low Noise LDO Regulator
Rev.2.1 Nov.08, 2019
AX6603-100BT AXELITE-AX6603-100BT Datasheet
561Kb / 12P
300mA High PSRR, Low Noise LDO Regulator
Rev.2.1 Nov.08, 2019
AX6603-100BTA AXELITE-AX6603-100BTA Datasheet
561Kb / 12P
300mA High PSRR, Low Noise LDO Regulator
Rev.2.1 Nov.08, 2019
AX6603-100Z6 AXELITE-AX6603-100Z6 Datasheet
561Kb / 12P
300mA High PSRR, Low Noise LDO Regulator
Rev.2.1 Nov.08, 2019
AX6603-100Z6A AXELITE-AX6603-100Z6A Datasheet
561Kb / 12P
300mA High PSRR, Low Noise LDO Regulator
Rev.2.1 Nov.08, 2019
More results


Similar Description - AX6603A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
300mA High PSRR, Low-Noise LDO Regulators
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
300mA High PSRR Low Noise LDO
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
300mA Output,High PSRR,Low Noise LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
300mA, High PSRR, Low Noise, Adjustable LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com