Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX78L05F Datasheet (PDF) - AXElite technology co. ltd

AX78L05F Datasheet PDF - AXElite technology co. ltd
Part # AX78L05F
Download  AX78L05F Download
File Size   246.8 Kbytes
Page   6 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 3-Terminal 100mA Positive Voltage Regulator

AX78L05F Datasheet (PDF)

Go To PDF Page Download Datasheet
AX78L05F Datasheet PDF - AXElite technology co. ltd

Part # AX78L05F
Download  AX78L05F Click to download

File Size   246.8 Kbytes
Page   6 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 3-Terminal 100mA Positive Voltage Regulator

AX78L05F Datasheet (HTML) - AXElite technology co. ltd


AX78L05F Product details

 GENERAL DESCRIPTION
The AX78L05 of positive voltage Regulator is inexpensive, easy-to-use devices suitable for a multitude of applications that require a regulated supply of up to 100mA. Like their higher power AX78L05, this regulator feature internal current limiting and thermal shutdown making them remarkably rugged. No external components are required with the AX78L05 device in many applications.
The device offer a substantial performance advantage over the traditional zener diode-resistor combination, as output impedance and quiescent current are substantially reduced.

 FEATURES
- Output Voltage Range 3.3 to 24V
- Output current up to 100mA
- No external components required
- Internal thermal overload protection
- Internal short-circuit current limiting
- Output transistor safe-area compensation
- Output voltage offered in 4% tolerance
- RoHS and Halogen free compliance




Similar Part No. - AX78L05F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
3-Terminal Positive Voltage Regulators
More results


Similar Description - AX78L05F

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_14 Datasheet
316Kb / 13P
3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
100mA 3-Terminal Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com