Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7010 Datasheet (PDF) - Hamamatsu Corporation

S7010 Datasheet PDF - Hamamatsu Corporation
Part # S7010
Download  S7010 Download
File Size   332.17 Kbytes
Page   10 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description CCD area image sensor

S7010 Datasheet (PDF)

Go To PDF Page Download Datasheet
S7010 Datasheet PDF - Hamamatsu Corporation

Part # S7010
Download  S7010 Click to download

File Size   332.17 Kbytes
Page   10 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description CCD area image sensor

S7010 Datasheet (HTML) - Hamamatsu Corporation


S7010 Product details

S7010/S7011/S7015 series are families of FFT-CCD image sensors specifically designed for low-light-level detection in scientific applications. By using the binning operation, S7010/S7011/S7015 series can be used as a linear image sensor having a long aperture in the direction of the device length. This makes S7010/S7011/S7015 series ideally suited for use in spectrophotometry. The binning operation offers significant improvement in S/N and signal processing speed compared with conventional methods by which signals are digitally added by an external circuit. S7010/S7011/S7015 series also feature low noise and low dark signal (MPP mode operation). This enables low-light-level detection and long integration time, thus achieving a wide dynamic range.
S7010/S7011/S7015 series have an effective pixel size of 24 × 24 µm and are available in image areas ranging from 12.288 (H) × 1.44 (V) mm2 (512 × 60 pixels) up to a large image area of 24.576 (H) × 6.048 (V) mm2 (1024 × 252 pixels).

Features
● 512 (H) × 60 (V) to 1024 (H) × 252 (V) pixel format
● Pixel size: 24 × 24 µm
● Line/pixel binning
● 100 % fill factor
● Wide dynamic range
● Low dark signal
● Low readout noise
● MPP operation

Applications
● Fluorescence spectrometer, ICP
● Raman spectrometer
● Industrial inspection requiring
● Semiconductor inspection
● DNA sequencer
● Low-light-level detection




Similar Part No. - S7010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7010 ETC2-S7010 Datasheet
1,009Kb / 2P
Mainstream dual-socket server
logo
ITT Industries
S701031SS02B ITT-S701031SS02B Datasheet
398Kb / 5P
Slide Switches
S701031SS02BE ITT-S701031SS02BE Datasheet
398Kb / 5P
Slide Switches
S701031SS02DB ITT-S701031SS02DB Datasheet
398Kb / 5P
Slide Switches
S701031SS02DBE ITT-S701031SS02DBE Datasheet
398Kb / 5P
Slide Switches
More results


Similar Description - S7010

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
CCD AREA IMAGE SENSOR
TCD5340C TOSHIBA-TCD5340C Datasheet
619Kb / 14P
CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
CCD area image sensor
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
CCD area image sensor
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com