Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NV23K Datasheet (PDF) - DB Lectro Inc

NV23K Datasheet PDF - DB Lectro Inc
Part # NV23K_07
Download  NV23K Download
File Size   393.07 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Withstands high temperature, operating under 105 ambient temperature

NV23K Datasheet (PDF)

Go To PDF Page Download Datasheet
NV23K Datasheet PDF - DB Lectro Inc

Part # NV23K_07
Download  NV23K Click to download

File Size   393.07 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Withstands high temperature, operating under 105 ambient temperature

NV23K Datasheet (HTML) - DB Lectro Inc




Similar Part No. - NV23K_07

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NV23K-A HUAXINAN-NV23K-A Datasheet
375Kb / 1P
Heavy contact load switching current up to 30A.
NV23K-C HUAXINAN-NV23K-C Datasheet
375Kb / 1P
Heavy contact load switching current up to 30A
logo
DB Lectro Inc
NV23KQASNILDC10V0.55 DBLECTRO-NV23KQASNILDC10V0.55 Datasheet
126Kb / 2P
Small size, light weight(4g)
NV23KQASNILDC10V0.57 DBLECTRO-NV23KQASNILDC10V0.57 Datasheet
126Kb / 2P
Small size, light weight(4g)
NV23KQASNILDC12V0.55 DBLECTRO-NV23KQASNILDC12V0.55 Datasheet
126Kb / 2P
Small size, light weight(4g)
More results


Similar Description - NV23K_07

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NV2R DBLECTRO-NV2R Datasheet
464Kb / 2P
Withstands high temperature, operating under 105 ambient temperature
NV231 DBLECTRO-NV231_07 Datasheet
389Kb / 2P
Withstands high temperature, operating under 105 ambient temperature
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561D-1 CEL-PS2561D-1 Datasheet
271Kb / 17P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
RV1S2281A RENESAS-RV1S2281A Datasheet
1Mb / 15P
OPERATING AMBIENT TEMPERATURE 115°C
Nov 11,2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com