Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4953 Datasheet (PDF) - AXElite technology co. ltd

AM4953 Datasheet PDF - AXElite technology co. ltd
Part # AM4953
Download  AM4953 Download
File Size   1211.82 Kbytes
Page   6 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description -30V Dual P-Channel Enhancement Mode MOSFET

AM4953 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM4953 Datasheet PDF - AXElite technology co. ltd

Part # AM4953
Download  AM4953 Click to download

File Size   1211.82 Kbytes
Page   6 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description -30V Dual P-Channel Enhancement Mode MOSFET

AM4953 Datasheet (HTML) - AXElite technology co. ltd


AM4953 Product details

DESCRIPTION
The AM4953 is the Dual P-Channel logic enhancement mode power field effect transistors produced using high cell density, DMOS trench technology.
This high density process is especially tailored to minimize on-state resistance.
These devices are particularly suited for low voltage application, notebook computer power management and other battery powered circuits where high-side switching.

APPLICATIONS
- Power Management in Note book
- Portable Equipment
- Battery Powered System
- DC/DC Converter
- Load Switch
- DSC
- LCD Display inverter

FEATURE
- -30V/-5.2A, RDS(ON) < 60mΩ@VGS = -10V
- -30V/-4.5A, RDS(ON) <90mΩ@VGS = -4.5V
- Super high density cell design for extremely low RDS(ON)
- Exceptional on-resistance and maximum DC current capability
- Full RoHS compliance
- SOP-8 package design




Similar Part No. - AM4953

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4953 DIODES-AM4953 Datasheet
497Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
Rev 1
logo
AiT Semiconductor Inc.
AM4953 AITSEMI-AM4953 Datasheet
801Kb / 9P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.0
logo
BCD Semiconductor Manuf...
AM4953FM-G1 BCDSEMI-AM4953FM-G1 Datasheet
459Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4953FM-G1 DIODES-AM4953FM-G1 Datasheet
497Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
Rev 1
More results


Similar Description - AM4953

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63P03X ZETEX-ZXMD63P03X Datasheet
210Kb / 7P
DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A16DN8 ZETEX-ZXMP3A16DN8 Datasheet
155Kb / 7P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 ZETEX-ZXMP3A17DN8 Datasheet
122Kb / 7P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMD63P03X ZETEX-ZXMD63P03X_05 Datasheet
338Kb / 7P
DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A17DN8 DIODES-ZXMP3A17DN8 Datasheet
170Kb / 7P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
OCTOBER 2005
DMP3028LSD DIODES-DMP3028LSD_15 Datasheet
245Kb / 6P
30V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMP3A16DN8 DIODES-ZXMP3A16DN8_15 Datasheet
161Kb / 8P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
MAY 2007
ZXMP3A17DN8 DIODES-ZXMP3A17DN8_15 Datasheet
170Kb / 7P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
OCTOBER 2005
logo
Pan Jit International I...
PJL9809 PANJIT-PJL9809 Datasheet
358Kb / 6P
30V Dual P-Channel Enhancement Mode MOSFET
April 5,2017-REV.01
PJL9811 PANJIT-PJL9811 Datasheet
371Kb / 6P
30V Dual P-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com