Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8986 Datasheet (PDF) - Hamamatsu Corporation

S8986 Datasheet PDF - Hamamatsu Corporation
Part # S8986
Download  S8986 Download
File Size   186.29 Kbytes
Page   7 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging

S8986 Datasheet (PDF)

Go To PDF Page Download Datasheet
S8986 Datasheet PDF - Hamamatsu Corporation

Part # S8986
Download  S8986 Click to download

File Size   186.29 Kbytes
Page   7 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging

S8986 Datasheet (HTML) - Hamamatsu Corporation


S8986 Product details

S8986 is an FFT-CCD image sensor ideal for intra-oral X-ray imaging in dental diagnosis. S8986 has about 2 mega (1700 × 1200) pixels each of which is 20 × 20 µm. S8986 delivers low dark current when operated in MPP (Multi Pinned-Phase) mode.
S10128 is an easy-to-use X-ray imaging module using S8986, with added functions such as a cable assembly and X-ray trigger circuit. S10128 is pin compatible with S10127 (number of pixels is increased). S10128 is low cost type for S8985-02 and adapted both AC and DC X-ray sources.

Features
● Sensor has X-ray monitoring photodiode
● Compactness 5.1 mm thickness excluding I/O connector part
● High dynamic range: 12 bit
● Long-term stability For use under 100,000 shots (60 kVp, 30 mR X-ray irradiation)
● Resolution: 10 Lp/mm
● 1700 (H) × 1200 (V) pixel format
● Pixel size: 20 × 20 µm
● Coupled with GOS for X-ray imaging
● 100 % fill factor
● Low dark signal
● Low readout noise
● MPP operation
● AC/DC X-ray source adapted

Applications
● General X-ray imaging
● Non-destructive inspection
● Intra-oral X-ray imaging in dental diagnosis




Similar Part No. - S8986

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8980 HAMAMATSU-S8980 Datasheet
185Kb / 7P
Front-illuminated FFT-CCDs for X-ray imaging
S8980_S10810 HAMAMATSU-S8980_S10810_15 Datasheet
506Kb / 10P
CCD area image sensors
S8981-02 HAMAMATSU-S8981-02 Datasheet
185Kb / 7P
Front-illuminated FFT-CCDs for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
More results


Similar Description - S8986

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8658-01 HAMAMATSU-S8658-01 Datasheet
150Kb / 7P
Front-illuminated FFT-CCD for X-ray imaging
S8980 HAMAMATSU-S8980 Datasheet
185Kb / 7P
Front-illuminated FFT-CCDs for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
S10814 HAMAMATSU-S10814 Datasheet
361Kb / 10P
Front-illuminated FFT-CCD for X-ray imaging
S7199-01 HAMAMATSU-S7199-01_11 Datasheet
162Kb / 8P
CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S8984-02 HAMAMATSU-S8984-02_15 Datasheet
238Kb / 3P
Front-illuminated FFT-CCD for X-ray imaging
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com