Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9345 Datasheet (PDF) - Hamamatsu Corporation

S9345 Datasheet PDF - Hamamatsu Corporation
Part # S9345
Download  S9345 Download
File Size   99.63 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Si PIN photodiode Dual-element photodiode using newly developed small, thin package

S9345 Datasheet (PDF)

Go To PDF Page Download Datasheet
S9345 Datasheet PDF - Hamamatsu Corporation

Part # S9345
Download  S9345 Click to download

File Size   99.63 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Si PIN photodiode Dual-element photodiode using newly developed small, thin package

S9345 Datasheet (HTML) - Hamamatsu Corporation


S9345 Product details

Si PIN photodiode
Dual-element photodiode using newly developed small, thin package

S9345 is a dual-element Si PIN photodiode employing a newly developed small, thin plastic package. The cubic volume reduced to one-fifth that of similar type photodiodes using conventional package. In order to extend the detection area when used as a reflection-mode optical switch, the entire photodiode active area of 1.5 mm wide and 5.6 mm long is asymmetrically segmented into 2 longitudinal sections of 1.5 mm and 4.1 mm.

Features
● Miniature and thin plastic package: 3.4 × 7.0 × 0.95 t mm
● Surface mounting type
● Asymmetrical dual-element PIN photodiode
● Active area
   Photodiode a: 1.5 × 1.5 mm
   Photodiode b: 1.5 × 4.1 mm
● High sensitivity

Applications
● Optical switch




Similar Part No. - S9345

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9345 HAMAMATSU-S9345_15 Datasheet
191Kb / 4P
Si PIN photodiode
More results


Similar Description - S9345

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IWPH01-02 INTEGRAL-IWPH01-02 Datasheet
152Kb / 3P
SI PIN PHOTODIODE
logo
Hamamatsu Corporation
S2721-02 HAMAMATSU-S2721-02 Datasheet
113Kb / 3P
Si PIN photodiode Dual-element, plastic package photodiode
S7797 HAMAMATSU-S7797 Datasheet
142Kb / 2P
Si PIN photodiode
S8385 HAMAMATSU-S8385 Datasheet
115Kb / 2P
Si PIN photodiode
S8650 HAMAMATSU-S8650_15 Datasheet
352Kb / 3P
Si PIN photodiode
S5980 HAMAMATSU-S5980_15 Datasheet
329Kb / 2P
Si PIN photodiode
S5821 HAMAMATSU-S5821_15 Datasheet
102Kb / 4P
Si PIN photodiode
S5106 HAMAMATSU-S5106_15 Datasheet
397Kb / 4P
Si PIN photodiode
S11299 HAMAMATSU-S11299_15 Datasheet
633Kb / 8P
16-element Si photodiode arrays
S10993-02CT HAMAMATSU-S10993-02CT_15 Datasheet
240Kb / 6P
Si PIN photodiode
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com