Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10170 Datasheet (PDF) - Hamamatsu Corporation

S10170 Datasheet PDF - Hamamatsu Corporation
Part # S10170
Download  S10170 Download
File Size   66.33 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description RGB color sensor integrated in small and thin package

S10170 Datasheet (PDF)

Go To PDF Page Download Datasheet
S10170 Datasheet PDF - Hamamatsu Corporation

Part # S10170
Download  S10170 Click to download

File Size   66.33 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description RGB color sensor integrated in small and thin package

S10170 Datasheet (HTML) - Hamamatsu Corporation


S10170 Product details

S10170 is a color sensor molded into a plastic package having a 3-channel (RGB) photodiode sensitive to the Red (λ=590 nm Min.), Green (λ=480 to 600 nm) and Blue (λ=400 to 540 nm) regions of the spectrum. When compared to the previous model (S9702), S10170 is significantly miniaturized the package size by 80 % in cubic volume and PC board mount space by 77 % in area. S10170 is ideal for RGBLCD backlight monitors installed in such as mobile phones.

Features
● 3-channel (R, G, B) Si photodiode
● Small, thin package: 3.0 × 1.6 × 10 tmm
● Active area: 1 × 1 mm/3-segment (RGB)
● RoHS-compatible
● Surface mount type

Applications
● Portable or mobile equipment
● RGB-LCD backlight monitors
● Detectors for various light sources
● Color detection




Similar Part No. - S10170

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
S1017 TEC-S1017 Datasheet
8Mb / 20P
Adhesives Selection Guide
2018
logo
Comus International
S1017 COMUS-S1017 Datasheet
18Kb / 1P
TILT SWITCH MODULE - Mercury Contacts
More results


Similar Description - S10170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3MC ETC-E3MC Datasheet
674Kb / 26P
RGB Color Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S822-QR999 AVAGO-HDJD-S822-QR999 Datasheet
274Kb / 11P
RGB Color Sensor
ADJD-E622-QR999 AVAGO-ADJD-E622-QR999 Datasheet
119Kb / 12P
RGB Color Sensor in QFN Package
logo
Hamamatsu Corporation
S10942-01CT HAMAMATSU-S10942-01CT_15 Datasheet
259Kb / 4P
RGB color sensor integrated in small and thin package
S10917-35GT HAMAMATSU-S10917-35GT_15 Datasheet
265Kb / 4P
RGB color sensor integrated in small and thin package
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
RGB Color Light Sensor
CLS15-22C-L213G-TR8 EVERLIGHT-CLS15-22C-L213G-TR8_15 Datasheet
910Kb / 11P
RGB Color Light Sensor
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8_15 Datasheet
910Kb / 11P
RGB Color Light Sensor
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
RGB Color Sensor
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
RGB Color Sensor
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com