Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACD354X Datasheet (PDF) - Texas Instruments

ACD354X Datasheet PDF - Texas Instruments
Part # ACD354X
Download  ACD354X Download
File Size   4300.07 Kbytes
Page   83 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ACD354x Single Channel 14-bit 250MSPS and 500MSPS Analog-to-Digital Converter (ADC)

ACD354X Datasheet (PDF)

Go To PDF Page Download Datasheet
ACD354X Datasheet PDF - Texas Instruments

Part # ACD354X
Download  ACD354X Click to download

File Size   4300.07 Kbytes
Page   83 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ACD354x Single Channel 14-bit 250MSPS and 500MSPS Analog-to-Digital Converter (ADC)

ACD354X Datasheet (HTML) - Texas Instruments


ACD354X Product details

1 Features
• 14-bit, single channel 250 and 500MSPS ADC
• Noise spectral density: -158.5dBFS/Hz
• Thermal Noise: 74.5dBFS
• Single core (non-interleaved) ADC architecture
• Power consumption:
– 435mW (500MSPS)
– 369mW (250MSPS)
• Aperture jitter: 75fs
• Buffered analog inputs
– Programmable 100 and 200Ω termination
• Input fullscale: 2Vpp
• Full power input bandwidth (-3dB): 1.4GHz
• Spectral performance (fIN = 70MHz, -1dBFS):
– SNR: 73.8dBFS
– SFDR HD2,3: 82dBc
– SFDR worst spur: 94dBFS
• Digital down-converters (DDCs)
– Up to four independent DDC
– Complex and real decimation
– Decimation: 2x, 4x to 32768x decimation
– 48-bit NCO phase coherent frequency hopping
• DDR/Serial LVDS interface
– 16-bit Parallel SDR, DDR LVDS for DDC
bypass
– Serial LVDS for decimation
– 32-bit output option for high decimation

2 Applications
• Software defined radio
• Spectrum analyzer
• Radar
• Spectroscopy
• Power amplifier linearization
• Communications infrastructure

3 Description
The ADC3548 and ADC3549 (ADC354x) is a 14-
bit, 250 and 500MSPS, single channel analog to
digital converter (ADC). The device is designed for
high signal-to-noise ratio (SNR) and delivers a noise
spectral density as low as -158.5dBFS/Hz.
The power efficient ADC architecture consumes
435mW at 500MSPS and provides power scaling with
lower sampling rates (369mW at 250MSPS).
The ADC354x includes a quad band digital downconverter
(DDC) supporting wide band decimation by
2 to narrow band decimation by 32768. The DDC
uses a 48-bit NCO which supports phase coherent
and phase continuous frequency hopping.
The ADC354x is outfitted with a flexible LVDS
interface. In decimation bypass mode, the device
uses a 14-bit wide parallel SDR or DDR LVDS
interface. When using decimation, the output data is
transmitted using a serial LVDS interface reducing the
number of lanes needed as decimation increases. For
high decimation rates, the output resolution can be
increased to 32-bit.




Similar Part No. - ACD354X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ACD354X TI-ACD354X Datasheet
4Mb / 83P
ACD354x Single Channel 14-bit 250MSPS and 500MSPS Analog-to-Digital Converter (ADC)
DECEMBER 2024
More results


Similar Description - ACD354X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
logo
Intersil Corporation
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
14-Bit, 500MSPS ADC
December 10, 2012
logo
Texas Instruments
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS5404 TI-ADS5404 Datasheet
1Mb / 40P
Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
logo
Intersil Corporation
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
logo
Texas Instruments
ADS5403 TI1-ADS5403 Datasheet
1Mb / 44P
Single Channel 12-Bit 500Msps Analog to Digital Converter
logo
Microchip Technology
PIC16F18345 MICROCHIP-PIC16F18345 Datasheet
1Mb / 2P
17 channel 10-bit Analog-to-Digital Converter (ADC)
10/15
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
14-Bit, 500MSPS ADC
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
14-Bit 5MHz Analog To Digital Converter
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com