Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5329 Datasheet (PDF) - Analog Devices

AD5329 Datasheet PDF - Analog Devices
Part # AD5329
Download  AD5329 Download
File Size   124.81 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Two?셲 Complement Dual, 12-Bit DACs

AD5329 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5329 Datasheet PDF - Analog Devices

Part # AD5329
Download  AD5329 Click to download

File Size   124.81 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Two?셲 Complement Dual, 12-Bit DACs

AD5329 Datasheet (HTML) - Analog Devices


AD5329 Product details

GENERAL DESCRIPTION
The AD5329 is a serial-input, dual 12-bit digital-to-analog converter that accepts two’s complement digital coding. An internal voltage reference generates a stable 2V DACREF. The buffered DACREF output generates the system bipolar ground reference at pin VBZ. The bipolar DAC output swing programs over a 4VPP range. The device is specified for operation from +5 volts ±10%.

FEATURES
• Monotonic DNL < ±1 LSB
• Improved Accuracy at Zero Scale
• Fast 2ms Settling Time
• Power ON Reset
• 3-Wire Serial Data Input
• 25MHz Data Load Rate
• Internal Reference Voltage
• +4.5V to +5.5V Single Supply Operation

APPLICATIONS
• Digital Control of Gain & Offset




Similar Part No. - AD5329

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5329 AD-AD5329_15 Datasheet
125Kb / 4P
Twos Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
More results


Similar Description - AD5329

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7242 AD-AD7242 Datasheet
319Kb / 12P
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
logo
Linear Technology
LTC1454 LINER-LTC1454 Datasheet
246Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs
logo
Maxim Integrated Produc...
MX7837 MAXIM-MX7837 Datasheet
168Kb / 12P
Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD5329 AD-AD5329_15 Datasheet
125Kb / 4P
Twos Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
logo
Linear Technology
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454L LINER-LTC1454L_15 Datasheet
181Kb / 12P
Dual 12-Bit Rail-to-Rail Micropower DACs
logo
Analog Devices
LTC2633 AD-LTC2633 Datasheet
971Kb / 24P
Dual 12-/10-/8-Bit I2C DACs
LTC2634 AD-LTC2634 Datasheet
642Kb / 24P
Dual 12-/10-/8-Bit I2C DACs Reference
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com