Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBE-100WM Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SBE-100WM Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SBE-100WM
Download  SBE-100WM Download
File Size   1502.94 Kbytes
Page   4 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 2M H.264 Explosion-proof Camera

SBE-100WM Datasheet (PDF)

Go To PDF Page Download Datasheet
SBE-100WM Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBE-100WM
Download  SBE-100WM Click to download

File Size   1502.94 Kbytes
Page   4 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 2M H.264 Explosion-proof Camera

SBE-100WM Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SBE-100WM Product details

• Max. 2megapixel (1920 x 1080) resolution
• Max. 60fps@2M all resolutions
• 4.44 ~ 142.6mm (32x) optical zoom, 16x digital zoom
• 0.15Lux@F1.6(color), 0.015Lux@F1.6(B/W)
• H.264, MJPEG dual codec, Multiple streaming
• Day & Night (ICR), WDR (120dB)
• Face detection, Tampering, Virtual line support
• Explosion-proof certificate : CE2460 EX II 2 GD Ex d IIC T6 Gb IP67 Ex tb IIIC T85°C Db
• Stainless 316L, Built-in Wiper
• IP67, IK10




Similar Part No. - SBE-100WM

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SBE-100WM HANWHAVISION-SBE-100WM Datasheet
1Mb / 4P
2MP Explosion-proof Camera
SBE-100WM HANWHAVISION-SBE-100WM Datasheet
1Mb / 4P
2MP Explosion-proof Camera
SBE-100WM HANWHAVISION-SBE-100WM Datasheet
1Mb / 4P
2M H.264 Explosion-proof Camera
SBE-100WM HANWHAVISION-SBE-100WM Datasheet
1Mb / 4P
2MP Explosion-proof Camera
SBE-100WM HANWHAVISION-SBE-100WM Datasheet
1Mb / 4P
2MP Explosion-proof Camera
More results


Similar Description - SBE-100WM

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
Explosion-Proof
440K-H11145 ALLEN-BRADLEY-440K-H11145 Datasheet
59Kb / 2P
Explosion Proof
logo
Systemsensor advanced i...
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
Explosion Proof Waterflow Detector
OSYEXP SYSTEMSENSOR-OSYEXP Datasheet
118Kb / 2P
Explosion Proof Supervisory Switch
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
Explosion-Proof Pull Station
logo
ASM GmbH
WS100 ASM-SENSOR-WS100 Datasheet
580Kb / 8P
analog output Explosion-proof
logo
Systemsensor advanced i...
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
Explosion Proof Waterflow Detector
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
Explosion Proof Flow Switch
logo
List of Unclassifed Man...
GM8135S ETC1-GM8135S Datasheet
472Kb / 2P
Economic H.264 IP Camera Application
logo
STEGO Elektrotechnik Gm...
CREX020-T3 STEGO-CREX020-T3 Datasheet
280Kb / 1P
EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com