Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS310 Datasheet (PDF) - Campbell Scientific United Kingdom

CS310 Datasheet PDF - Campbell Scientific United Kingdom
Part # CS310
Download  CS310 Download
File Size   617.52 Kbytes
Page   3 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Quantum Sensor

CS310 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS310 Datasheet PDF - Campbell Scientific United Kingdom

Part # CS310
Download  CS310 Click to download

File Size   617.52 Kbytes
Page   3 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Quantum Sensor

CS310 Datasheet (HTML) - Campbell Scientific United Kingdom


CS310 Product details

Benefits and Features
Full-spectrum quantum sensor with a spectral range of 389 0692 nm (5 nm)
Accurate measurements under all light sources including Light Emitting Diodes (LEDs)
Dome-shaped anodized aluminum body designed to be rugged and self-cleaning for a longer life and lower maintenance
IP68 rated connector provides extra assurance in wet and harsh environments
Sensor head detachable from the cable with a marinegrade 316-L stainless-steel connector for fast, easy servicing
Factory calibration data stored in the sensor so no sensorspecific calibration coefficients required for an accurate measurement
Each sensor carefully calibrated in controlled conditions and traceable to NIST reference standards
Four-year manufacturer warranty

Technical Description
Radiation that drives photosynthesis is called photosynthetically active radiation (PAR) and is typically defined as total radiation across a range of 400 to 700 nm. PAR is often expressed as photosynthetic photon flux density (PPFD): photon flux in units of micromoles per square metre per second (umol m-² 5-¹, equal to microEinsteins per square meter per second) summed from 400 to 700 nm (total number of photons from 400 to 700 nm). While Einsteins and micromoles are equal (one tinstein = one mole of photons), the Einstein is not an SI unit, so expressing PPFD as pmol m s is preferred. Sensors that measure PPFD are often called quantum sensors due to the quantized nature of radiation. A quantum refers to the minimum quantity of radiation (one photon) involved in physical interactions (for example, absorption by photosynthetic pigments). In other words, one photon is a single quantum of radiation.
Typical applications of quantum sensors include incoming PPFD measurement over plant canopies in outdoor environments or in greenhouses and growth chambers, and reflected or under-canopy (transmitted) PPFD measurement in the same environments.
The CS310 quantum sensor consists of a cast acrylic diffuser (filter), photodiode, and signal processing circuitry mounted in an anodized aluminium housing with a cable to connect the sensor to a measurement device. The CS310 quantum sensor is designed for continuous PPFD measurement in indoor or outdoor environments. It outputs an analogue signal that is directly proportional to PPFD. The analogue signal from the sensor is directly proportional to radiation incident on a planar surface (does not have to be horizontal), where the radiation emanates from all angles of a hemisphere.




Similar Part No. - CS310

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS310 CAMPBELL-CS310 Datasheet
787Kb / 2P
Pyranometers, quantum sensors, and net radiometers
03/30/2020
logo
Amphenol Corporation
CS3100A18-3PW AMPHENOL-CS3100A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
CS3100A18-3PX AMPHENOL-CS3100A18-3PX Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
CS3100A18-3SW AMPHENOL-CS3100A18-3SW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
CS3100A18-3SX AMPHENOL-CS3100A18-3SX Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
More results


Similar Description - CS310

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L12004-2209H-C HAMAMATSU-L12004-2209H-C Datasheet
544Kb / 8P
Quantum Cascade Laser
logo
List of Unclassifed Man...
140XBP01000 ETC2-140XBP01000 Datasheet
71Kb / 2P
Modicon Quantum
logo
Sensortechnics GmbH
LD85H6S-A SENSORTECHNICS-LD85H6S-A Datasheet
1Mb / 6P
Quantum Semiconductor International Co., Ltd.
LD85J6S-A SENSORTECHNICS-LD85J6S-A Datasheet
1Mb / 4P
Quantum Semiconductor International Co., Ltd.
LD90F7S-A SENSORTECHNICS-LD90F7S-A Datasheet
563Kb / 4P
Quantum Semiconductor International Co., Ltd.
logo
Marki Microwave
PD-0530SMG MARKIMICROWAVE-PD-0530SMG Datasheet
358Kb / 3P
IEC 60875 104 Client0 Quantum
logo
Schneider Electric
140XBP00600 SCHNEIDER-140XBP00600 Datasheet
139Kb / 3P
Modicon Quantum - racks backplanes - 6 slots
Apr 12, 2022
140CRP31200 SCHNEIDER-140CRP31200 Datasheet
105Kb / 3P
Quantum Ethernet RIO Head
Apr 18, 2022
140XTS00500 SCHNEIDER-140XTS00500 Datasheet
116Kb / 2P
Modicon Quantum - field power connector
Apr 20, 2022
logo
NVIDIA Corporation
QM9700 NVIDIA-QM9700 Datasheet
135Kb / 2P
NVIDIA QUANTUM-2 QM9700 SERIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com