Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NK-1 Datasheet (PDF) - AG Electronica

NK-1 Datasheet PDF - AG Electronica
Part # NK-1
Download  NK-1 Download
File Size   348.08 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description PINZA DE PRECISION PUNTA RECTA 0.1MM

NK-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NK-1 Datasheet PDF - AG Electronica

Part # NK-1
Download  NK-1 Click to download

File Size   348.08 Kbytes
Page   1 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description PINZA DE PRECISION PUNTA RECTA 0.1MM

NK-1 Datasheet (HTML) - AG Electronica


NK-1 Product details

DESCRIPCIÓN
Pinza de precisión de punta recta de 0.1mm, con cuerpo de aleación de titanio. Ligero y de alta dureza. Resistente, no magnético, la soldadura no se adhiere a la punta, anti-corrosión y anti-oxidación. Diseñada ergonómicamente para un trabajo más conveniente y cómodo, de tamaño compacto y fácil de transportar. Adecuada para reparación electrónica bajo microscopio, especialmente reparación de puentes, soldadura de PCB, reparación de circuitos electrónicos, etc.




Similar Part No. - NK-1

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
NK-100 PAIRUI-NK-100 Datasheet
694Kb / 10P
AC-DC Switching Mode Power Supply
NK-100 PAIRUI-NK-100 Datasheet
651Kb / 8P
AC-DC Switching Mode Power Supply
NK-100 PAIRUI-NK-100_19 Datasheet
651Kb / 8P
AC-DC Switching Mode Power Supply
logo
KITAGAWA GmbH
NK-10N KGS-NK-10N Datasheet
358Kb / 1P
Screw mount standard cable clamp
NK-11N KGS-NK-11N Datasheet
358Kb / 1P
Screw mount standard cable clamp
More results


Similar Description - NK-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW8700 ETC2-CW8700 Datasheet
106Kb / 5P
FICHE DE DONN횋ES DE S횋CURIT횋
logo
Hammond Manufacturing L...
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
ENSEMBLES DE FRILLES DE VENTILATION
DSTOPK HAMMOND-DSTOPK Datasheet
44Kb / 1P
TROUSSE DE BUTEES DE PORTE
1485Z HAMMOND-1485Z Datasheet
50Kb / 1P
Tron챌ons de rotation de 12 po
EPIN HAMMOND-EPIN Datasheet
52Kb / 1P
Broches de charniere de remplacement Eclipse
FRCMCD HAMMOND-FRCMCD Datasheet
70Kb / 1P
Separateur de chemins de cables
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
Gestionnaire de cables de toit
logo
Pentair plc. All rights...
3150 PENTAIR-3150 Datasheet
275Kb / 2P
VANNE DE COMMANDE DE 2 POUCE
logo
Tripp Lite. All Rights ...
VR1208R TRIPPLITE-VR1208R Datasheet
153Kb / 2P
Regulador de Voltaje de 1200VA - Regulaci처n autom찼tica de voltaje con supresi처n de sobretensiones
logo
Murata Manufacturing Co...
GCD188R71H122KA01 MURATA1-GCD188R71H122KA01 Datasheet
557Kb / 4P
Length 1.6±0.1mm
10/24/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com