Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-RGB5050-WS2812B Datasheet (PDF) - AG Electronica

LED-RGB5050-WS2812B Datasheet PDF - AG Electronica
Part # LED-RGB5050-WS2812B
Download  LED-RGB5050-WS2812B Download
File Size   805.81 Kbytes
Page   6 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description Intelligent control integrated LED light source

LED-RGB5050-WS2812B Datasheet (PDF)

Go To PDF Page Download Datasheet
LED-RGB5050-WS2812B Datasheet PDF - AG Electronica

Part # LED-RGB5050-WS2812B
Download  LED-RGB5050-WS2812B Click to download

File Size   805.81 Kbytes
Page   6 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description Intelligent control integrated LED light source

LED-RGB5050-WS2812B Datasheet (HTML) - AG Electronica


LED-RGB5050-WS2812B Product details

Features and Benefits
 The control circuit and the LED share the only power source.
 Control circuit and RGB chip are integrated in a package of 5050 components, form a complete control of pixel point.
 Built-in signal reshaping circuit, after wave reshaping to the next driver, ensure wave-form distortion not accumulate.
 Built-in electric reset circuit and power lost reset circuit.
 Each pixel of the three primary color can achieve 256 brightness display, completed 16777216 color full color display, and scan frequency not less than 400Hz/s.
 Cascading port transmission signal by single line.
 Any two point the distance not more than 3m transmission signal without any increase circuit.
 When the refresh rate is 30fps, cascade number are not less than1024 points.
 Send data at speeds of 800Kbps.
 The color of the light were highly consistent, cost-effective..

Applications
 Full-color module, Full color soft lights a lamp strip.
 LED decorative lighting, Indoor/outdoor LED video irregular screen.

General description
WS2812B is a intelligent control LED light source that the control circuit and RGB chip are integrated in a package of 5050 components. It internal include intelligent digital port data latch and signal reshaping amplification drive circuit. Also include a precision internal oscillator and a 12V voltage programmable constant current control part, effectively ensuring the pixel point light color height consistent .
The data transfer protocol use single NZR communication mode. After the pixel power-on reset, the DIN port receive data from controller, the first pixel collect initial 24bit data then sent to the internal data latch, the other data which reshaping by the internal signal reshaping amplification circuit sent to the next cascade pixel through the DO port. After transmission for each pixel,the signal to reduce 24bit. pixel adopt auto reshaping transmit technology, making the pixel c ascade number is not limited the signal transmission, only depend on the speed of signal transmission.
LED with low driving voltage, environmental protection and energy saving, high brightness, scattering angle is large, good consistency, low power, long life and other advantages. The control chip integrated in LED above becoming more simple circuit, small volume, convenient installation.




Similar Part No. - LED-RGB5050-WS2812B

ManufacturerPart #DatasheetDescription
logo
AG Electronica
LED-RGB5050-WS2812B-BW AGELECTRONICA-LED-RGB5050-WS2812B-BW Datasheet
489Kb / 8P
Intelligent control integrated LED light source
More results


Similar Description - LED-RGB5050-WS2812B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS2812 ETC2-WS2812 Datasheet
277Kb / 5P
Intelligent control LED integrated light source
logo
WORLDSEMI CO., LIMITED
WS2812B-2020 WORLDSEMI-WS2812B-2020 Datasheet
674Kb / 9P
Intelligent control LED integrated light source
WS2812B-V4 WORLDSEMI-WS2812B-V4 Datasheet
655Kb / 8P
Intelligent control LED integrated light source
WS2812C WORLDSEMI-WS2812C Datasheet
656Kb / 8P
Intelligent control LED integrated light source
WS2812C-2020 WORLDSEMI-WS2812C-2020 Datasheet
673Kb / 9P
Intelligent control LED integrated light source
WS2813E WORLDSEMI-WS2813E Datasheet
596Kb / 8P
Intelligent control LED integrated light source
WS2815B WORLDSEMI-WS2815B Datasheet
738Kb / 8P
Intelligent control LED integrated light source
WS2812B WORLDSEMI-WS2812B Datasheet
352Kb / 5P
Intelligent control LED integrated light source
logo
List of Unclassifed Man...
WS2813C ETC-WS2813C Datasheet
687Kb / 9P
Intelligent control LED integrated light source
V1.4 20180719
logo
WORLDSEMI CO., LIMITED
WS2815 WORLDSEMI-WS2815 Datasheet
611Kb / 8P
Intelligent control LED integrated light source
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com