Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS220 Datasheet (PDF) - Campbell Scientific United Kingdom

CS220 Datasheet PDF - Campbell Scientific United Kingdom
Part # CS220
Download  CS220 Download
File Size   424.9 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Surface-Mount Type E Thermocouple Sensor

CS220 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS220 Datasheet PDF - Campbell Scientific United Kingdom

Part # CS220
Download  CS220 Click to download

File Size   424.9 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Surface-Mount Type E Thermocouple Sensor

CS220 Datasheet (HTML) - Campbell Scientific United Kingdom


CS220 Product details

Benefits and Features
Well-suited for solar energy applications
Thermocouple tolerance meets ASTM E230-ANSI MC 96.1 (reference junction at 0°C)
Easy to install
Compatible with most Campbell Scientific data loggers

Technical Description
The C5220 uses a 24-AWG, twisted pair, shielded, fast response type E thermocouple. Type E thermocouples consist of a chromel wire and a constantan wire joined at a measurement junction. A voltage potential is generated when the measurement end of the thermocouple is at a different temperature than the reference end of the thermocouple. The magnitude of the voltage potential is related to the temperature difference. Therefore, temperature can be determined by measuring the differences in potential created at the junction of the two wires.
A reference temperature measurement is required for thermocouple measurements. The temperature sensor built into many of our dataloggers' wiring panel typically provides
this measurement.
The C5220 consists of a stainless-steel overbraided cable and a thermocouple extension cable. Adhesive on one end of the overbraided cable secures the sensorto the solar panel. The mini connectors of the thermocouple extension and overbraided cables attach to each other. The pigtails of the extension cable connect to the datalogger.
The C5220 can provide the temperature on the back of a solar panel, which is an important measurement in solar energy applications. The output of a solar panel is affected by its temperature. As the temperature of the solar panel increases, its output decreases.




Similar Part No. - CS220

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS220-10B CENTRAL-CS220-10B Datasheet
111Kb / 2P
SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS
CS220-10B CENTRAL-CS220-10B Datasheet
369Kb / 2P
SILICON CONTROLLED RECTIFIERS
CS220-10D CENTRAL-CS220-10D Datasheet
111Kb / 2P
SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS
CS220-10D CENTRAL-CS220-10D Datasheet
369Kb / 2P
SILICON CONTROLLED RECTIFIERS
CS220-10M CENTRAL-CS220-10M Datasheet
111Kb / 2P
SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS
More results


Similar Description - CS220

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-009646-23DBML_V2 MA-COM-MAMX-009646-23DBML_V2 Datasheet
308Kb / 2P
E-Series Surface Mount Mixer
logo
Fuji Electric
EDS2-9B FUJI-EDS2-9B Datasheet
75Kb / 4P
SHEATH TYPE THERMOCOUPLE
logo
M/A-COM Technology Solu...
MAMX-007238-CM25MH MA-COM-MAMX-007238-CM25MH Datasheet
75Kb / 4P
E-Series Surface Mount Mixer
MAMX-007247-MRS5MH MA-COM-MAMX-007247-MRS5MH Datasheet
45Kb / 2P
E-Series Surface Mount Mixer
MAMX-007253-ES0067 MA-COM-MAMX-007253-ES0067 Datasheet
147Kb / 2P
E-Series Surface Mount Mixer
MAMXES0117 MA-COM-MAMXES0117 Datasheet
165Kb / 4P
E-Series Surface Mount Mixer
MAMX-007253-ES0067 MA-COM-MAMX-007253-ES0067_15 Datasheet
147Kb / 2P
E-Series Surface Mount Mixer
MAMX-008174-CXD860 MA-COM-MAMX-008174-CXD860_15 Datasheet
127Kb / 4P
E-Series Surface Mount Mixer
MAMX-009722-25MHLP MA-COM-MAMX-009722-25MHLP_15 Datasheet
156Kb / 2P
E-Series Surface Mount Mixer
logo
WAGO Kontakttechnik Gmb...
750-469-000-008 WAGO-750-469-000-008 Datasheet
456Kb / 12P
2-channel analog input; Thermocouple E; Diagnostics
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com