Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS240DM Datasheet (PDF) - Campbell Scientific United Kingdom

CS240DM Datasheet PDF - Campbell Scientific United Kingdom
Part # CS240DM
Download  CS240DM Download
File Size   490.01 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Pt-1000 Class A, Back-of-Module Temperature Sensor with Digital Modbus RS-485 Output

CS240DM Datasheet (PDF)

Go To PDF Page Download Datasheet
CS240DM Datasheet PDF - Campbell Scientific United Kingdom

Part # CS240DM
Download  CS240DM Click to download

File Size   490.01 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Pt-1000 Class A, Back-of-Module Temperature Sensor with Digital Modbus RS-485 Output

CS240DM Datasheet (HTML) - Campbell Scientific United Kingdom


CS240DM Product details

Benefits and Features
Best-in-class measurement accuracy and technology
Modbus RTU RS-485 digital serial communications
Precision Pt1000 Class A sensing element
Compliant with IEC 60751, DIN EN 60751
Meets 61724-1 PV System Performance Standard
Optional NIST traceable calibration certificate
Purchased with any cable length
Rugged design proven in more than 4,000 installations worldwide

Technical Description
The CS240DM consists of a Pt-1000 Class A PRT encased in an aluminum disk. The disk protects the PRT, particularly during installation when pulled through conduit, and promotes heat transfrfome rth e surface while minimizing convective heat loss to the surroundings. An adhesive tab on the disk fastens the C5240DM to the measurement surface. If the temperature may exceed 70°C, Kapton tape is also required to secure the probe.
The precision analog-to-digital, smart-sensor module is based on the CR1000X. The module design is optimized for the Class A PRT that minimizes self-heating and lead-wire resistance. Measurement electronics are surge protected, include 1200V isolation, and are environmentally protected with a rugged over-molding featuring an IP65 rating. Data is differentially transmitted in cabling that is well suited for industrial energy applications with excellent noise rejection and high voltage, NEC outdoor, UV, UL, and NEC ratings.
The CS240DM provides PV stakeholders with highly accurate back-of-module temperature—even at long cable lengths—for use in power-performance modeling and simulation of solar energy applications. Back-of-module temperature is critical for any evaluation of effective irradiance and power conversion.




Similar Part No. - CS240DM

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS240 CAMPBELL-CS240 Datasheet
410Kb / 2P
Pt-1000 Class A, Back-of-Module Temperature Sensor
05/04/2022
logo
Powerex Power Semicondu...
CS240610 POWEREX-CS240610 Datasheet
74Kb / 4P
Fast Recovery Single Diode Modules 100 Amperes/600-1200 Volts
CS240650 POWEREX-CS240650 Datasheet
74Kb / 4P
Fast Recovery Single Diode Modules 50 Amperes/600-1200 Volts
logo
List of Unclassifed Man...
CS240650 ETC2-CS240650 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - CS240DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMT160 ETC-SMT160 Datasheet
79Kb / 9P
Temperature sensor with digital output
logo
ON Semiconductor
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
Digital Output Temperature Sensor
June, 2014 ??Rev. 12
logo
PHOENIX CONTACT
2901365 PHOENIX-2901365 Datasheet
84Kb / 3P
RS-485 JBUS/MODBUS communication module for EEM-MA400
2901367 PHOENIX-2901367 Datasheet
84Kb / 3P
RS-485 JBUS/MODBUS communication module for EEM-MA600
logo
List of Unclassifed Man...
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
Digital-output relative humidity & temperature sensor/module
logo
WAGO Kontakttechnik Gmb...
750-315-300-000 WAGO-750-315-300-000 Datasheet
638Kb / 11P
Fieldbus Coupler MODBUS; RS-485; 115,2 kBd
750-815-325-000 WAGO-750-815-325-000 Datasheet
527Kb / 12P
Controller MODBUS; RS-485; 115,2 kBd; Ext. Temperature
750-815-300-000 WAGO-750-815-300-000 Datasheet
629Kb / 12P
Controller MODBUS; RS-485; 115,2 kBd
logo
Schneider Electric
BMXNOM0200 SCHNEIDER-BMXNOM0200 Datasheet
124Kb / 3P
Serial link module with 2 RS-485/232 ports in Modbus and Character mode
Apr 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com