Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS241 Datasheet (PDF) - Campbell Scientific United Kingdom

CS241 Datasheet PDF - Campbell Scientific United Kingdom
Part # CS241
Download  CS241 Download
File Size   593.14 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Pt-1000 Class A, Back-of-Module Temperature Sensor

CS241 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS241 Datasheet PDF - Campbell Scientific United Kingdom

Part # CS241
Download  CS241 Click to download

File Size   593.14 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Pt-1000 Class A, Back-of-Module Temperature Sensor

CS241 Datasheet (HTML) - Campbell Scientific United Kingdom


CS241 Product details

Benefits and Features
Redesignefdor optimal performance on bifacial PV module
Easy installation with maximum sensor-to-module bonding strength and smaller profile
NiST-traceable, serialized calibration certificate supplied with every sensor
Meets or exceeds IEC 61724 Class A performance specifications
Precision Pt-1000 Class A sensing element
Compliant with [EC 60751, DIN EN 60751 (according to IEC 751)
IP68 rating, making the sensor suitable for use on floating PV arrays
Slim design to minimize sensor impact on bifaciality (<2% of full-size cell area)
Thermal conductance greater than 600 W/(m²*K)
Maximum sensor-to-module bonding
High temperature rating to 150°C
Two-wire and four-wire configuration to satisfy data logger channel count and accuracy—at any cable length
Quick sensor head connectiofnor easier installation and replacement

Technical Description
The CS241 provides PV stakeholders with the most accurate back-of-module temperature, even at long cable lengths, for use in power assessment and soiling of solar PV modules. Back-of-module temperature is critical for the evaluation of effective irradiance, soiling, and power conversion, making the sensor that can collect this data a vital part of any PV performance monitoring system.
The C5241 consists of a Pt-1000 Class A platinum resistance thermometer (PRT) encased in a specially designed, slimprofile, low-mass aluminum disk. The slim design minimizes sensor impact on bifaciality with less than two percent area coverage on a full-sized cell. The disk shields the PRT from rapid temperature fluctuations while protecting the fragile PRT element during installation. It minimizes heat transfer, which eliminates surface cooling and results in the highest efficiency in measuring true temperature of the solar module. The disk adhesive has excellent thermal properties including a thermal conductance greater than 600 W/(m²*K), and it is extremely strong. This eliminates the need for hightemperature epoxy or tape for maximum sensor-to-module bonding, making the installation much easier.




Similar Part No. - CS241

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CS241020 POWEREX-CS241020 Datasheet
61Kb / 2P
Fast Recovery Single Diode Module 200 Amperes/1000 Volts
CS241210 POWEREX-CS241210 Datasheet
74Kb / 4P
Fast Recovery Single Diode Modules 100 Amperes/600-1200 Volts
logo
List of Unclassifed Man...
CS241210 ETC2-CS241210 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Powerex Power Semicondu...
CS241250 POWEREX-CS241250 Datasheet
74Kb / 4P
Fast Recovery Single Diode Modules 50 Amperes/600-1200 Volts
logo
Hammond Manufacturing L...
CS24186 HAMMOND-CS24186 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
More results


Similar Description - CS241

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTS424 STMICROELECTRONICS-STTS424 Datasheet
71Kb / 7P
Memory module temperature sensor
03-Aug-2007
logo
List of Unclassifed Man...
KY-028 ETC2-KY-028 Datasheet
231Kb / 7P
Temperature Sensor module
logo
Cyntec Co., Ltd.
SA10100609 CYNTEC-SA10100609 Datasheet
1Mb / 7P
SA10100609, The Platinum Resistance temperature sensor (PT-RTD)
SA10101553 CYNTEC-SA10101553 Datasheet
1Mb / 7P
SA10101553, The Platinum Resistance temperature sensor (PT-RTD)
SA10160543 CYNTEC-SA10160543 Datasheet
1Mb / 7P
SA10160543, The Platinum Resistance temperature sensor (PT-RTD)
SA10200542 CYNTEC-SA10200542 Datasheet
1Mb / 7P
SA10200542, The Platinum Resistance temperature sensor (PT-RTD)
SA10260539 CYNTEC-SA10260539 Datasheet
1Mb / 7P
SA10260539, The Platinum Resistance temperature sensor (PT-RTD)
SA50100585 CYNTEC-SA50100585 Datasheet
1Mb / 7P
SA50100585, The Platinum Resistance temperature sensor (PT-RTD)
SE10255018 CYNTEC-SE10255018 Datasheet
1Mb / 9P
SE10255018, The Platinum Resistance temperature sensor (PT-RTD)
SI10210508 CYNTEC-SI10210508 Datasheet
1,019Kb / 7P
SI10210508, The Platinum Resistance temperature sensor (PT-RTD)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com