Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27162 Datasheet (PDF) - Campbell Scientific United Kingdom

27162 Datasheet PDF - Campbell Scientific United Kingdom
Part # 27162
Download  27162 Download
File Size   2324.31 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Radar Water Level Sensors

27162 Datasheet (PDF)

Go To PDF Page Download Datasheet
27162 Datasheet PDF - Campbell Scientific United Kingdom

Part # 27162
Download  27162 Click to download

File Size   2324.31 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Radar Water Level Sensors

27162 Datasheet (HTML) - Campbell Scientific United Kingdom


27162 Product details

Benefits and Features
Ideal for areas where submersed sensors can be damaged due to corrosion, contamination, flood-related debris, lightning or vandalism
Low maintenance - no moving parts significantly reduces maintenance cost and time
Compatible with our CR200X-series, CR510, CR10X, CR800-series, CR1000, CR3000 and CR5000 dataloggers
Low power consumption
Rugged enough for harsh environments - NEMA rated 4X
Wide operating temperature range (-40° to +80°C)
Individual FCC licence not required
FCC compliant (FCC IC# MOIPULS 616263)




Similar Part No. - 27162

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
2716 INTEL-2716 Datasheet
1Mb / 10P
64K(8K x 8) UV ERASABLE PROMs
logo
KR Electronics, Inc.
2716 KR-2716 Datasheet
48Kb / 2P
Bandpass Filter
logo
Heyco.
2716 HEYCO-2716 Datasheet
136Kb / 1P
Halogen and Phosphorus-Free 94V-0 Hole Plugs
logo
SYC Electronica
2716 SYC-2716 Datasheet
291Kb / 8P
16K (2Kx8) UV ERASABLE PROM
September 1989
logo
Adafruit Industries
2716 ADAFRUIT-2716 Datasheet
315Kb / 3P
Adafruit Silicon MEMS Microphone Breakout - SPW2430
9/30/2015
More results


Similar Description - 27162

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN1950 FREESCALE-AN1950 Datasheet
307Kb / 24P
Water Level Monitoring
logo
Magnetrol International...
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
GuidedWave Radar Level Transmitter
logo
Fuji Electric
EDS7-65D FUJI-EDS7-65D Datasheet
167Kb / 4P
WATER LEVEL TRANSMITTER
logo
SICK AG
RAS407-2800100 SICK-RAS407-2800100 Datasheet
764Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2800101 SICK-RAS407-2800101 Datasheet
764Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2800200 SICK-RAS407-2800200 Datasheet
736Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2800201 SICK-RAS407-2800201 Datasheet
736Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2801001 SICK-RAS407-2801001 Datasheet
857Kb / 5P
RADAR SENSORS
2016-04-06
RAS407-2801100 SICK-RAS407-2801100 Datasheet
760Kb / 6P
RADAR SENSORS
2016-04-06
RAS407-2801101 SICK-RAS407-2801101 Datasheet
760Kb / 6P
RADAR SENSORS
2016-04-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com