Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEVELVUEB10 Datasheet (PDF) - Campbell Scientific United Kingdom

LEVELVUEB10 Datasheet PDF - Campbell Scientific United Kingdom
Part # LEVELVUEB10
Download  LEVELVUEB10 Download
File Size   455.65 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Water-Level Continuous Flow Bubbler with Integrated Screen

LEVELVUEB10 Datasheet (PDF)

Go To PDF Page Download Datasheet
LEVELVUEB10 Datasheet PDF - Campbell Scientific United Kingdom

Part # LEVELVUEB10
Download  LEVELVUEB10 Click to download

File Size   455.65 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Water-Level Continuous Flow Bubbler with Integrated Screen

LEVELVUEB10 Datasheet (HTML) - Campbell Scientific United Kingdom


LEVELVUEB10 Product details

Benefits and Features
Low-power idle state for extended battery life
Proprietary high-pressure/high-volume purge operation to prevent sediment buildup
Simultaneous operation on the SDI-12 interface and Modbus interface
Built-in keypad/display for full setup and maintenance operation
Incorporated SDI-12 version 1.4 metadata commands for identification of data
Standard cold temperature (-40°C) operation
Proprietary air flow/bubble generation designed for years of trouble-free operation

Detailed Description
The LevelVue™B10 bubbler incorporates all the components needed to be a self-contained, pressurized air-supply system. This bubbler has an industrial air compressor (-40°to +80°C), large air tank (0.8 L), and other components that replace the need for pressurized air tanks and manual valves found in the older continuous gas flow systems. The LevelVue B10 meters the airflow to create a constant flow in the orifice line regardless of the water depth above the outlet. Precision sensors monitotrhe tank pressure and the line pressure to consistently maintain the same airflow. The precision sensor monitoring the pressure on the orifice line precisely detects the pressure required to push air through the line. This pressure value is directly related to water depth. Applying a simple conversion to the pressure value creates the value of water depth in feet, meters, or other units of measure.




Similar Part No. - LEVELVUEB10

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
LEVER SENSATA-LEVER Datasheet
183Kb / 3P
Pressure Sensor
logo
Vishay Siliconix
LEVERPMR VISHAY-LEVERPMR Datasheet
126Kb / 7P
Analog Displacement Sensors for Transportation Applications
22-Mar-2021
More results


Similar Description - LEVELVUEB10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SKW1000 ETC1-SKW1000 Datasheet
112Kb / 2P
ANTIPARALLEL THYRISTORS WITH NON-ISOLATED WATER FLOW
logo
Freescale Semiconductor...
AN1950 FREESCALE-AN1950 Datasheet
307Kb / 24P
Water Level Monitoring
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
WATER RESISTANT SCREEN CAP
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
WATER RESISTANT SCREEN CAP
logo
Fuji Electric
EDS7-65D FUJI-EDS7-65D Datasheet
167Kb / 4P
WATER LEVEL TRANSMITTER
logo
IXYS Corporation
HVL900-16IO1 IXYS-HVL900-16IO1 Datasheet
160Kb / 3P
AC Controller with Isolated Water Flow
logo
Texas Instruments
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
logo
TT Electronics.
DS1013 TTELEC-DS1013 Datasheet
340Kb / 2P
Water Flow Transmitter
DS1226 TTELEC-DS1226 Datasheet
335Kb / 2P
Oil and Water Flow Meter
logo
List of Unclassifed Man...
YF-S201 ETC1-YF-S201 Datasheet
278Kb / 2P
Water Flow Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com