Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBP-300CMI Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SBP-300CMI Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SBP-300CMI
Download  SBP-300CMI Download
File Size   1646.72 Kbytes
Page   6 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 2MP AI IR Bullet Camera

SBP-300CMI Datasheet (PDF)

Go To PDF Page Download Datasheet
SBP-300CMI Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBP-300CMI
Download  SBP-300CMI Click to download

File Size   1646.72 Kbytes
Page   6 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 2MP AI IR Bullet Camera

SBP-300CMI Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SBP-300CMI Product details

• Maximum 2MP resolution
• Color: 0.03 Lux (F1.6, 1/30 sec, 30IRE), 0 Lux (IR LED on)
• Maximum 120 fps (H.265/H.264)
• Maximum IR viewable length : WiseIR 90m(295.28ft)
• Day & Night (ICR), extremeWDR (150 dB)
• WiseNRⅡ(Based on AI engine), WiseStreamⅢ (Based on AI engine)
• DIS with built-in Gyro sensor
• Analytics events based on AI engine (NPU) : Object detection (Person/Face/Vehicle -
car, truck, bus, bicycle, motorcycle/License plate),
IVA (Virtual line/Area, Enter/Exit, Loitering, Direction, Intrusion)
• Analytics events : Defocus detection, Motion detection, Tampering, Fog detection
Audio detection, Sound classification, Shock detection, Appear/Disappear
• Certification : IP66/IP67, NEMA4X, IK10




Similar Part No. - SBP-300CMI

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SBP-300CMI HANWHAVISION-SBP-300CMI Datasheet
221Kb / 2P
Ceiling Mount
SBP-300CMI HANWHAVISION-SBP-300CMI Datasheet
1Mb / 6P
2MP AI IR Dome Camera
SBP-300CMI HANWHAVISION-SBP-300CMI Datasheet
1Mb / 5P
6MP AI IR Dome Camera
SBP-300CMI HANWHAVISION-SBP-300CMI Datasheet
1Mb / 5P
6MP AI IR Dome Camera
SBP-300CMI HANWHAVISION-SBP-300CMI Datasheet
1Mb / 5P
4K AI IR Dome Camera
More results


Similar Description - SBP-300CMI

ManufacturerPart #DatasheetDescription
logo
Level One
BOH-1401 LVL1-BOH-1401_16 Datasheet
506Kb / 3P
Camera PoE Outdoor Enclosure, IR LEDs
BOH-1411 LVL1-BOH-1411_16 Datasheet
506Kb / 3P
Camera PoE Outdoor Enclosure, IR LEDs, FEVE Coating
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
Quad 2MP Camera Hub FPD-Link III Deserializer
logo
List of Unclassifed Man...
IPC-D112-PF28 ETC1-IPC-D112-PF28 Datasheet
563Kb / 3P
2MP Vandal-resistant Network IR Fixed Dome Camera
logo
Advantech Co., Ltd.
ICAM-520 ADVANTECH-ICAM-520 Datasheet
185Kb / 1P
ICAM-520/500 Series Industrial AI Camera
1-Nov-2022
logo
List of Unclassifed Man...
SEN0158 ETC-SEN0158 Datasheet
109Kb / 2P
Data Sheet of IR Positioning Camera For Arduino
2017/5/5
logo
Honeywell Solid State E...
H4W2PER2V HONEYWELL-H4W2PER2V Datasheet
562Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
H4W2PER3V HONEYWELL-H4W2PER3V Datasheet
561Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
HBW4PER1V HONEYWELL-HBW4PER1V Datasheet
526Kb / 2P
Network WDR 4 MP IR Bullet Camera
HBW4PER2V HONEYWELL-HBW4PER2V Datasheet
710Kb / 2P
Network WDR 4MP IR Bullet Camera
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com