Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD3042 Datasheet (PDF) - Solid State Inc

TD3042 Datasheet PDF - Solid State Inc
Part # TD3042
Download  TD3042 Download
File Size   594.43 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Zero-volt switching

TD3042 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD3042 Datasheet PDF - Solid State Inc

Part # TD3042
Download  TD3042 Click to download

File Size   594.43 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Zero-volt switching

TD3042 Datasheet (HTML) - Solid State Inc


TD3042 Product details

APPLICATIONS
• Home appliances
• Motor/ Drive controls
• Solid state relays
• Solenoid / Valve control
• Temperature Control

FEATURES
• Zero-volt switching
• 400V blocking voltage
• High input-to-output isolation (5kVrms MIN)
• Trigger current 10mA MAX
• High dV/dt (1kV/us MIN, 2kV/us TYP)




Similar Part No. - TD3042

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3042 SSOUSA-TD3042 Datasheet
594Kb / 5P
Zero-Volt Switching
More results


Similar Description - TD3042

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S106 SSOUSA-S106_15 Datasheet
235Kb / 5P
Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
S112-X SSOUSA-S112-X Datasheet
347Kb / 8P
Zero-Volt Cross Switching
S842 SSOUSA-S842_15 Datasheet
212Kb / 5P
Zero-Volt Cross Switching
S942-X SSOUSA-S942-X Datasheet
275Kb / 7P
Zero-Volt Cross Switching
TD3041 SSOUSA-TD3041 Datasheet
436Kb / 9P
Zero Volt Switching
TD3042 SSOUSA-TD3042 Datasheet
594Kb / 5P
Zero-Volt Switching
TD3062 SSOUSA-TD3062 Datasheet
448Kb / 9P
Zero-Volt Switching
TD3081 SSOUSA-TD3081 Datasheet
436Kb / 9P
Zero Volt Switching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com