Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A30 Datasheet (PDF) - NXP Semiconductors

A30 Datasheet PDF - NXP Semiconductors
Part # A30
Download  A30 Download
File Size   2218.83 Kbytes
Page   209 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Secure Authenticator

A30 Datasheet (PDF)

Go To PDF Page Download Datasheet
A30 Datasheet PDF - NXP Semiconductors

Part # A30
Download  A30 Click to download

File Size   2218.83 Kbytes
Page   209 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Secure Authenticator

A30 Datasheet (HTML) - NXP Semiconductors


A30 Product details

1 General description
A30 is a secure authentication IC for IoT platforms, electronic accessories, and consumable devices such as
home electronic devices, mobile accessories, and medical supplies.
A30 contains ECC key pairs, which can be generated by the IC itself to make sure that private keys are never
exposed outside the IC. Also it performs cryptographic operations for security critical communication and control
functions.
A30 has Common Criteria EAL 6+ security certification with AVA_VAN.5 on product level [1] and supports a
generic Crypto API providing AES, ECDSA, ECDH, SHA, HMAC, and HKDF cryptographic functionality to
users. Asymmetric cryptography features support 256-bit ECC over the NIST P-256 and brainpoolP256r1
curves. Symmetric cryptography features support both AES-128 and AES-256. Also it supports PKI-based
mutual authentication including certificate handling. The CC security certification ensures that the IC security
measures and protection mechanisms have been evaluated against sophisticated noninvasive and invasive
attack scenarios.
A30 supports an I2C contact interface with two GPIOs.
A30 supports a low-power design, and consumes only 5 μA at Halt mode when an external VDD is supplied.

2.1 Use cases
A30 can be used for
• Secure key(s) and certificate(s) storage
• PKI (public key infrastructure) based authentication and communication
• Device only, device-to-device, device-to-cloud authentication
• Secure connection for consumer devices, industrial machines, and medical devices
• Battery passport and/or Digital product passport
• Device to meet strengthening cybersecurity requirements
2.2 Key features
A30 is designed to support many IoT applications and solves the problems in IoT applications' full life cycle.
• ECC key generation on the IC, and provisioning item level certificate(s) in NXP, or in the field.
• The following crypto primitives are supported: AES-128/256 (ECB, CBC, CMAC, CCM, GCM), ECDSA, and
ECDH over NIST P-256 and brainpoolP256r1, SHA-256/384, HMAC, and HKDF.
This allows to support advanced crypto protocols such as SIGMA-I, TLS1.3 and Matter.
• Nonreversible monotonic counter as the usage counter
• Delivery of the list of UID and certificates at shipping from NXP
• I2C target operates at 100 kHz (standard mode), 400 kHz (fast mode), or 1 MHz (Fast-mode Plus)
• Two configurable GPIOs; 1 GPIO can be used for power downstream - up to 10 mW for batteryless
applications
• 1 V operation with 1.5 V battery
• Small footprint on PCB with WLCSP16




Similar Part No. - A30

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A30 DBLECTRO-A30 Datasheet
269Kb / 1P
SCA CONNECTOR IDC TYPE(MALE)
logo
XP Power Limited
A30 XPPOWER-A30 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Yealink Inc.
A30 YEALINK-A30 Datasheet
3Mb / 10P
All-in-One Android Video
A30-010 YEALINK-A30-010 Datasheet
3Mb / 10P
All-in-One Android Video
A30-020 YEALINK-A30-020 Datasheet
3Mb / 10P
All-in-One Android Video
More results


Similar Description - A30

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E36EVKIT MAXIM-DS28E36EVKIT Datasheet
3Mb / 13P
DeepCover Secure Authenticator
Rev 0; 12/17
DS28E16 MAXIM-DS28E16 Datasheet
407Kb / 15P
1-Wire Secure SHA-3 Authenticator
Rev 1; 3/19
DS28E39 MAXIM-DS28E39 Datasheet
402Kb / 16P
DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
Rev 0; 12/18
logo
NXP Semiconductors
A1006 NXP-A1006 Datasheet
555Kb / 18P
Secure Authenticator IC
Rev. 1-25 July 2018
logo
Maxim Integrated Produc...
DS1964S MAXIM-DS1964S Datasheet
599Kb / 13P
DeepCover Secure Authenticator iButton with SHA-256
Rev 0; 6/18
MAXAUTHDEMO MAXIM-MAXAUTHDEMO Datasheet
363Kb / 3P
DeepCover Secure Authenticator Demonstration Kit
DS28C36 MAXIM-DS28C36_V01 Datasheet
313Kb / 7P
DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
DS28E16 MAXIM-DS28E16_V01 Datasheet
413Kb / 15P
1-Wire Secure SHA-3 Authenticator
19-100438; Rev 2; 1/20
DS28E36 MAXIM-DS28E36_V01 Datasheet
447Kb / 17P
DeepCover Secure Authenticator
19-100170; Rev 3; 3/20
logo
NXP Semiconductors
A5000 NXP-A5000 Datasheet
377Kb / 26P
Edge Lock Secure Authenticator
Rev. 1.0 ??28 March 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com