Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1005 Datasheet (PDF) - NXP Semiconductors

SL3S1005 Datasheet PDF - NXP Semiconductors
Part # SL3S1005
Download  SL3S1005 Download
File Size   343.55 Kbytes
Page   33 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The UCODE 9xm is the latest NXP product of the UCODE family supporting user memory.

SL3S1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL3S1005 Datasheet PDF - NXP Semiconductors

Part # SL3S1005
Download  SL3S1005 Click to download

File Size   343.55 Kbytes
Page   33 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description The UCODE 9xm is the latest NXP product of the UCODE family supporting user memory.

SL3S1005 Datasheet (HTML) - NXP Semiconductors


SL3S1005 Product details

2 Features and benefits
2.1 Key features
• Read sensitivity -24 dBm
• Write sensitivity -22 dBm
• Innovative functionality
– Customer configurable EPC/User Memory size
– Self-Adjust
– Memory Safeguard
– Brand Identifier
– Standardized Untraceable
– Pre-serialization of 96-bit EPC
• Compatible with single-slit antenna
• EPC Gen2v2.1
2.2 Memory
• Up to 496-bit of EPC memory
• Up to 752-bit of user memory
• Pre-serialized 96-bit EPC
• 96-bit Factory locked Tag Identifier (TID)
• 48-bit unique serial number factory-encoded into TID
• 32-bit kill password to permanently disable the tag
• 32-bit access password
• Wide operating temperature range: -40 °C up to +85 °C
• Minimum 100k write cycle endurance
2.3 Supported features
• All mandatory commands of the EPC Gen2v2.1 specification are implemented including:
– Kill command
• The following optional commands are implemented in conformance with the EPC Gen2v2.1:
– BlockWrite (2 words, 32-bit)
– Blockpermalock (128-bit)
– Untraceable including read range reduction
– Access command
• Self-Adjust for automated tag performance optimization
• Brand Identifier: enables product authentication verification
All supported features of the UCODE 9xm can be activated using standard EPCglobal
READ / WRITE / ACCESS / SELECT commands. No custom commands are needed to take advantage of any
of the features.




Similar Part No. - SL3S1005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3S1002AC0 NXP-SL3S1002AC0 Datasheet
1Mb / 56P
512-bit user memory (G2XM only)
Rev. 3.6-10 March 2011
SL3S1002AC2 NXP-SL3S1002AC2 Datasheet
1Mb / 56P
512-bit user memory (G2XM only)
Rev. 3.6-10 March 2011
SL3S1002FTB1 NXP-SL3S1002FTB1 Datasheet
1Mb / 56P
512-bit user memory (G2XM only)
Rev. 3.6-10 March 2011
SL3S1002FTB1 NXP-SL3S1002FTB1 Datasheet
254Kb / 51P
UCODE G2XM and G2XL
Rev. 3.7-9 October 2012
SL3S1002FTB1,115 NXP-SL3S1002FTB1,115 Datasheet
254Kb / 51P
UCODE G2XM and G2XL
Rev. 3.7-9 October 2012
More results


Similar Description - SL3S1005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3ICS30 PHILIPS-SL3ICS30 Datasheet
56Kb / 9P
UCODE HSL
October 2003
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
Introducing the Newest Member of the Zenigata Family
logo
NXP Semiconductors
SL3ICS3001 NXP-SL3ICS3001 Datasheet
550Kb / 54P
UCODE HSL
Rev. 3.1-9 July 2012
SL3S1214 NXP-SL3S1214 Datasheet
308Kb / 34P
UCODE 7m
Rev. 3.4-6 March 2019
SL3S1004 NXP-SL3S1004 Datasheet
591Kb / 33P
UCODE 7xm and UCODE 7xm
Rev. 3.2-27 July 2016
SL3S1204 NXP-SL3S1204 Datasheet
347Kb / 40P
UCODE 7
Rev. 4.0-5 March 2019
SL3S4011 NXP-SL3S4011 Datasheet
314Kb / 30P
UCODE I2C
Rev.3.5-18 September 2018
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
SL3S10X4 NXP-SL3S10X4 Datasheet
336Kb / 39P
UCODE 7xm-1k, UCODE 7xm-2k and UCODE 7xm
Rev. 3.4 - 16 June 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com